Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4101 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 2 Page - Linear Technology

  LTC4101 Datasheet HTML 1Page - Linear Technology LTC4101 Datasheet HTML 2Page - Linear Technology LTC4101 Datasheet HTML 3Page - Linear Technology LTC4101 Datasheet HTML 4Page - Linear Technology LTC4101 Datasheet HTML 5Page - Linear Technology LTC4101 Datasheet HTML 6Page - Linear Technology LTC4101 Datasheet HTML 7Page - Linear Technology LTC4101 Datasheet HTML 8Page - Linear Technology LTC4101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4101
2
4101f
Voltage from VDD to GND ................................ 7V/–0.3V
Voltage from CHGEN, DCDIV, SDA, SCL
and SMBALERT to GND .............................. 7V/–0.3V
Voltage from DCIN, CLP, CLN to GND ........... 32V/–0.3V
Voltage from CLP to CLN ......................................
±0.3V
PGND wrt. GND ....................................................
±0.3V
CSP, BAT to GND .............................................. 28V/–5V
Operating Ambient Temperature Range (Note 4)
........................................................... – 40
°C to 85°C
Junction Temperature Range ............... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VDD = 3.3V, VBAT = 4V unless otherwise noted. (Note 4)
PACKAGE/ORDER I FOR ATIO
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4101EG
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
CLP
CLN
BAT
CSP
IDC
ITH
VSET
VDD
THA
THB
VLIM
ILIM
TGATE
PGND
BGATE
INFET
DCIN
CHGEN
SMBALERT
SDA
SCL
ACP
DCDIV
GND
TJMAX = 125°C, θJA = 90°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DCIN Operating Range
●
628
V
IDCIN
DCIN Operating Current
Charging, Sum of Currents on
3
5
mA
DCIN, CLP and CLN
VTOL
Charge Voltage Accuracy
(Note 2)
–1.1
1.1
%
●
–1.3
1.3
%
ITOL
Charge Current Accuracy (Note 3)
VCSP – VBAT Target = 102.3mV
–2
6
%
IDAC = 0xFFFF
●
–3
7
%
VDD
VDD Operating Voltage
0V
≤ VDCIN ≤ 28V
●
3
5.5
V
Shutdown
Battery Leakage Current
DCIN = 0V, VCLP = VCLN = VCSP = VBAT
●
15
35
µA
UVLO
Undervoltage Lockout Threshold
DCIN Rising, VBAT = 0V
●
4.2
4.7
5.5
V
VDD Power-Fail
Part Held in Reset Until this VDD Present
●
3V
DCIN Current in Shutdown
VCHGEN = 0V
2
3
mA
Current Sense Amplifier, CA1
Input Bias Current into BAT Pin
11.66
µA
CMSL
CA1/I1 Input Common Mode Low
●
0V
CMSH
CA1/I1 Input Common Mode High
VDCIN ≤ 28V
●
VCLN-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com