Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4110 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4110
Description  Battery Backup System Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4110 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4110 Datasheet HTML 17Page - Linear Technology LTC4110 Datasheet HTML 18Page - Linear Technology LTC4110 Datasheet HTML 19Page - Linear Technology LTC4110 Datasheet HTML 20Page - Linear Technology LTC4110 Datasheet HTML 21Page - Linear Technology LTC4110 Datasheet HTML 22Page - Linear Technology LTC4110 Datasheet HTML 23Page - Linear Technology LTC4110 Datasheet HTML 24Page - Linear Technology LTC4110 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LTC4110
21
4110fa
OPERATION
be set to indicate calibration in progress. Soft-start ramps
the discharge current at a rate set by the capacitor on the
ITH pin (typically 10ms with 0.1μF capacitor). A limit to
how far the battery cell voltage will be discharged during
calibration can be programmed with the VCAL pin (Li-Ion
default = 2.75V/cell, lead acid default = 1.93V/cell, Smart
NiMH/NiCd default = 0.95V/cell). When the limit is reached
calibration is terminated, the CAL_COMPLETE bit in the
BBuStatus() register is set, the CAL_ON bit in the BBuS-
tatus() register will be cleared and the charge mode is
automatically entered to begin recharging the battery. If
the GPIO3 is configured as a calibration complete status
output (CAL_COMPLETEb), it will be forced low until reset
by the CAL_RESET write bit. Calibration is inhibited during
backup or shutdown modes. Calibration is also inhibited
when a thermistor is sensed absent.
During calibration, user-programmable supply back-drive
protections are provided. These protections prevent a
reversal of current into the main supply and/or possibly
raising the supply voltage to unsafe levels should the
Figure 5. SLA Charge State Diagram (Does Not Include Calibration)
4110 F05
PWM
STOPPED
(BATTERY OVP)
STOP
(OVERTEMPERATURE)
ANY
CHARGE
STATE
RESUME
CHARGE
STATE
8
6
7
5
3
19
ANY
CHARGE
STATE
4
RESET
STOP
2
CHARGE
#
Logic Event (T = True, F = False) [Notes]
Notes and/or Actions (T = True, F = False)
1
RES_OR = F & DCDIV pin = T & SHDN pin = F & CHARGE_INHIBITED = F &
CHG_FLT = F
ICHG = On & CHG = T
2
Or
VAR = T [AutoRestart]
ChargingVoltage() & ChargingCurrent() ≠ 0 sent
ALARM_INHIBITED = F
3
Or
Or
ChargingVoltage() or ChargingCurrent() = 0 sent
RESET_TO_ZERO = T [See ChargeMode()]
CHARGE_INHIBIT = T [See ChargeMode()]
ICHG = Off & CHG = F
4
Or
Or
Or
Or
DCDIV pin = F
RES_OR = T [Bat Removed, See ChargeStatus()]
SHDN pin = T
VUVD = T
POR_RESET = T [See ChargeMode()]
ICHG = Off & CHG = F & CHARGE_INHIBITED = F &
ALARM_INHIBITED = F
5
RES_HOT = T & RES_UR = F [See ChargeStatus()]
ICHG = Off & CHG_FLT = T
6
RES_HOT = F [See ChargeStatus()]
ICHG = On & CHG_FLT = F
7VBOV = T
PWM stopped. Timers remain running.
8VBOV = F
PWM restarted.
9
Or
Or
Or
AlarmWarning() command is sent by Smart Battery over SMBus with any of
the following bits set to True:
OVER_CHARGED_ALARM
TERMINATE_CHARGE_ALARM
Reserved ALARM
OVER_TEMPERATURE_ALARM
ICHG = Off & CHG = F & ALARM_INHIBITED = T
(ALARM_INHIBITED bit is found in ChargeStatus())
Note: For all charge states, VCHG is always active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com