Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4213 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213 Datasheet(HTML) 3 Page - Linear Technology

  LTC4213 Datasheet HTML 1Page - Linear Technology LTC4213 Datasheet HTML 2Page - Linear Technology LTC4213 Datasheet HTML 3Page - Linear Technology LTC4213 Datasheet HTML 4Page - Linear Technology LTC4213 Datasheet HTML 5Page - Linear Technology LTC4213 Datasheet HTML 6Page - Linear Technology LTC4213 Datasheet HTML 7Page - Linear Technology LTC4213 Datasheet HTML 8Page - Linear Technology LTC4213 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4213
3
4213f
∆VGSMAX – ∆VGSARM
Difference Between ∆VGSMAX and
VSENSEN = 0, VCC ≥ 2.97V
●
0.3
1.1
V
∆VGSARM
VSENSEN = 0, VCC = 2.3V
●
0.15
0.8
V
VREADY(OL)
READY Pin Output Low Voltage
IREADY = 1.6mA, Pull Down Device On
●
0.2
0.4
V
IREADY(LEAK)
READY Pin Leakage Current
VREADY = 5V, Pull Down Device Off
●
0
±1
µA
VON(TH)
ON Pin High Threshold
ON Rising, GATE Pulls Up
●
0.76
0.8
0.84
V
∆VON(HYST)
ON Pin Hysteresis
ON Falling, GATE Pulls Down
10
40
90
mV
VON(RST)
ON Pin Reset Threshold
ON Falling, Fault Reset, GATE Pull Down
●
0.36
0.4
0.44
V
ION(IN)
ON Pin Input Current
VON = 1.2V
●
0
±1
µA
∆VOV
Overvoltage Threshold
●
0.41
0.7
1.1
V
∆VOV = VSENSEP – VCC
tOV
Overvoltage Protection Trip Time
VSENSEP = VSENSEN = Step 5V to 6.2V
25
65
160
µs
tFAULT(SLOW)
VCB Trips to GATE Discharging
∆VSENSE Step 0mV to 50mV,
●
716
27
µs
VSENSEN Falling, VCC = VSENSEP = 5V
tFAULT(FAST)
VCB(FAST) Trips to GATE Discharging
∆VSENSE Step 0V to 0.3V, VSENSEN Falling,
●
1
2.5
µs
VSENSEP = 5V
tDEBOUNCE
Startup De-Bounce Time
VON = 0V to 2V Step to Gate Rising,
27
60
130
µs
(Exiting Reset Mode)
tREADY
READY Delay Time
VGATE = 0V to 8V Step to READY Rising,
22
50
115
µs
VSENSEP = VSENSEN = 0
tOFF
Turn-Off Time
VON = 2V to 0.6V Step to GATE Discharging
1.5
5
10
µs
tON
Turn-On Time
VON = 0.6V to 2V Step to GATE Rising,
4
8
16
µs
(Normal Mode)
tRESET
Reset Time
VON Step 2V to 0V
20
80
150
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, ISEL = 0 unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com