Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4213CDDB Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4213CDDB
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213CDDB Datasheet(HTML) 1 Page - Linear Technology

  LTC4213CDDB Datasheet HTML 1Page - Linear Technology LTC4213CDDB Datasheet HTML 2Page - Linear Technology LTC4213CDDB Datasheet HTML 3Page - Linear Technology LTC4213CDDB Datasheet HTML 4Page - Linear Technology LTC4213CDDB Datasheet HTML 5Page - Linear Technology LTC4213CDDB Datasheet HTML 6Page - Linear Technology LTC4213CDDB Datasheet HTML 7Page - Linear Technology LTC4213CDDB Datasheet HTML 8Page - Linear Technology LTC4213CDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4213
1
4213f
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
FEATURES
The LTC
®4213 is an Electronic Circuit Breaker. An over-
current circuit breaker senses the voltage across the drain
and source terminals of an external N-channel MOSFET
with no need for a sense resistor. The advantages are a
lower cost and reduced voltage and power loss in the
switch path. An internal high-side driver controls the
external MOSFET gate.
Two integrated comparators provide dual level over-
current protection over the bias supply to ground common
mode range. The slow comparator has 16µs response
while the fast comparator trips in 1µs. The circuit breaker
has three selectable trip thresholds: 25mV, 50mV and
100mV. An ON pin controls the ON/OFF and resets circuit
breaker faults. READY signals the MOSFET is conducting
and the circuit breaker is armed. The LTC4213 operates
from VCC = 2.3V to 6V.
■ Electronic Circuit Breaker
■ High-Side Switch
■ Hot Board Insertion
■ Fast 1µs Response Circuit Breaker
■ 3 Selectable Circuit Breaker Thresholds
■ No Sense Resistor Required
■ Dual Level Overcurrent Fault Protection
■ Controls Load Voltages from 0V to 6V
■ High Side Drive for External N-Channel FET
■ Undervoltage Lockout
■ READY Pin Signals When Circuit Breaker Armed
■ Small Plastic (3mm x 2mm) DFN Package
No RSENSE™
Electronic Circuit Breaker
1.25V Electronic Circuit Breaker
OFF ON
LTC4213
VCC
ON
READY
10k
ISEL
GND
GATE
SI4864DY
VBIAS
VOUT
1.25V
3.5A
VIN
1.25V
VBIAS
2.3V TO 6V
SENSEN
SENSEP
4213 TA01
, LTC and LT are registered trademarks of Linear Technology Corporation.
No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Severe Overload Response
2µs/DIV
4213 TA01b
IOUT
(50A/DIV)
VGATE
(5V/DIV)
VOUT
(1V/DIV)
VIN
(1V/DIV)


Similar Part No. - LTC4213CDDB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4213CDDB#TRPBF AD-LTC4213CDDB#TRPBF Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
More results

Similar Description - LTC4213CDDB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
PHOENIX CONTACT
2909902 PHOENIX-2909902 Datasheet
569Kb / 23P
Electronic circuit breaker - PTCB E1 24DC/1A NO
2909910 PHOENIX-2909910 Datasheet
572Kb / 23P
Electronic circuit breaker - PTCB E1 24DC/8A NO
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com