Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4151CDD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4151CDD
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151CDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4151CDD Datasheet HTML 7Page - Linear Technology LTC4151CDD Datasheet HTML 8Page - Linear Technology LTC4151CDD Datasheet HTML 9Page - Linear Technology LTC4151CDD Datasheet HTML 10Page - Linear Technology LTC4151CDD Datasheet HTML 11Page - Linear Technology LTC4151CDD Datasheet HTML 12Page - Linear Technology LTC4151CDD Datasheet HTML 13Page - Linear Technology LTC4151CDD Datasheet HTML 14Page - Linear Technology LTC4151CDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4151/LTC4151-1
11
41511fa
APPLICATIONS INFORMATION
Table 1. LTC4151/LTC4151-1 Device Addressing*
DESCRIPTION
HEX DEVICE
ADDRESS
BINARY DEVICE ADDRESS
LTC4151/LTC4151-1
ADDRESS PINS
h
a6a5a4a3a2a1a0
R/W
ADR1
ADR0
Mass Write
CC
11001100
X
X
0
CE
1100111
X
H
L
1
D0
1101000
X
NC
H
2
D2
1101001
X
H
H
3
D4
1101010
X
NC
NC
4
D6
1101011
X
NC
L
5
D8
1101100
X
L
H
6
DA
1101101
X
H
NC
7
DC
1101110
X
L
NC
8
DE
1101111
X
L
L
*H = Tie High; L = Tie to GND; NC = Open; X = Don’t Care
Acknowledge
The acknowledge signal is used for handshaking between
the transmitter and the receiver to indicate that the last
byte of data was received. The transmitter always releases
the SDA line during the acknowledge clock pulse. The
LTC4151/LTC4151-1 pull the SDA line low on the 9th clock
cycle to acknowledge receipt of the data. If the slave fails
to acknowledge by leaving SDA high, then the master can
abort the transmission by generating a Stop condition.
When the master is receiving data from the slave, the
master must pull down the SDA line during the clock pulse
to indicate receipt of a data byte, and that another byte is
to be read. After the last byte has been received the master
will leave the SDA line high (not acknowledge) and issue
a Stop condition to terminate the transmission.
Write Protocol
The master begins a write operation with a Start condi-
tion followed by the seven bit slave address and the R/W
bit set to zero. After the addressed LTC4151/LTC4151-1
acknowledge the address byte, the master then sends a
command byte which indicates which internal register
the master wishes to write. The LTC4151/LTC4151-1
acknowledge this and then latches the lower three bits of
the command byte into its internal register address pointer.
The master then delivers the data byte and the LTC4151 or
LTC4151-1 acknowledges once more and latches the data
into its internal register. If the master continues sending a
second byte or more data bytes, as in a Write Word or Write
Page command, the second byte or more data bytes will
be acknowledged by the LTC4151/LTC4151-1, the internal
register address pointer will increment automatically, and
each byte of data will be latched into an internal register
corresponding to the address pointer. The write operation
terminates and the register address pointer resets to 00h
when the master sends a Stop condition.
Read Protocol
The master begins a read operation with a Start condition
followed by the seven bit slave address and the R/W bit set to
zero.AftertheaddressedLTC4151/LTC4151-1acknowledge
the address byte, the master then sends a command byte
that indicates which internal register the master wishes to
read. The LTC4151/LTC4151-1 acknowledge this and then
latches the lower three bits of the command byte into its
internal register address pointer. The master then sends
a repeated Start condition followed by the same seven bit
address with the R/W bit now set to one. The LTC4151/
LTC4151-1 acknowledge and send the contents of the
requested register. The transmission terminates when the
master sends a Stop condition. If the master acknowledges
the transmitted data byte, as in a Read Word command,
the LTC4151/LTC4151-1 will send the contents of the next
register. If the master acknowledges the second data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com