Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4151IMS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4151IMS
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151IMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4151IMS Datasheet HTML 5Page - Linear Technology LTC4151IMS Datasheet HTML 6Page - Linear Technology LTC4151IMS Datasheet HTML 7Page - Linear Technology LTC4151IMS Datasheet HTML 8Page - Linear Technology LTC4151IMS Datasheet HTML 9Page - Linear Technology LTC4151IMS Datasheet HTML 10Page - Linear Technology LTC4151IMS Datasheet HTML 11Page - Linear Technology LTC4151IMS Datasheet HTML 12Page - Linear Technology LTC4151IMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4151/LTC4151-1
9
41511fa
SCL
SDA
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
1 - 7
8
9
41511 F02
a6 - a0
b7 - b0
b7 - b0
1 - 7
8
9
1 - 7
8
9
P
S
Figure 2. General Data Transfer over I2C
I2C Interface
The LTC4151/LTC4151-1 feature an I2C-compatible in-
terface to provide access to six ADC data registers and
a control register for monitoring the measured voltages.
Figure 2 shows a general data transfer format using the
I2C. The LTC4151 and LTC4151-1 are read-write slave
devices and support SMBus Read Byte, Write Byte, Read
Word and Write Word commands. The devices also sup-
port Read Page and Write Page commands that allow one
to read or write more than two bytes of data. When using
the Read Page and Write Page commands, the host need
only to issue an initial register address and the internal
register address pointer automatically increments by 1
after each byte of data is read or written. After the register
address reaches 06h, it will be reset to 00h and continue
the increment. Upon a Stop condition, the register address
is reset to 00h. If desired, the Read Page and Write Page
support can be disabled by clearing control register bit
G3. The data formats for the above commands are shown
in Figures 3 to 8.
APPLICATIONS INFORMATION
Figure 3. LTC4151 Serial Bus SDA Write Byte Protocol
Figure 4. LTC4151 Serial Bus SDA Write Word Protocol
Figure 5. LTC4151 Serial Bus SDA Write Page Protocol
S
ADDRESS
1 1 0 a3:a0
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
A: ACKNOWLEDGE (LOW)
A: NOT ACKNOWLEDGE (HIGH)
R: READ BIT (HIGH)
COMMAND
DATA
X X X X X b2:b0
0
W
00
0
b7:b0
A
A
AP
41511 F03
W: WRITE BIT (LOW)
S: START CONDITION
P: STOP CONDITION
S
ADDRESS
1 1 0 a3:a0
COMMAND
DATA
DATA
X X X X X b2:b0
0
W
00
0
0
41511 F04
b7:b0
b7:b0
A
A
A
AP
S
ADDRESS
1 1 0 a3:a0
COMMAND
0
X X X X X b2:b0
0
W
00
41511 F05
A
A
AP
b7:b0
DATA
0
A
b7:b0
DATA
0
A
...
...
b7:b0
DATA
Figure 6. LTC4151 Serial Bus SDA Read Byte Protocol
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0 1
DATA
X X X X X b2:b0
0
W
00
41511 F06
A
A
A P
Figure 7. LTC4151 Serial Bus SDA Read Word Protocol
Figure 8. LTC4151 Serial Bus SDA Read Page Protocol
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0
1
DATA
X X X X X b2:b0
0
W
00
41511 F07
A
0
A
b7:b0
DATA
A
A P
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0
1
DATA
X X X X X b2:b0
0
W
00
41511 F08
A
0
A
b7:b0
DATA
A
A P
...
...
b7:b0
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com