Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3528 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3528
Description  1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3528 Datasheet(HTML) 2 Page - Linear Technology

  LTC3528 Datasheet HTML 1Page - Linear Technology LTC3528 Datasheet HTML 2Page - Linear Technology LTC3528 Datasheet HTML 3Page - Linear Technology LTC3528 Datasheet HTML 4Page - Linear Technology LTC3528 Datasheet HTML 5Page - Linear Technology LTC3528 Datasheet HTML 6Page - Linear Technology LTC3528 Datasheet HTML 7Page - Linear Technology LTC3528 Datasheet HTML 8Page - Linear Technology LTC3528 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3528/LTC3528B
2
3528fa
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................... –0.3V to 6V
SW Voltage
DC............................................................ –0.3V to 6V
Pulsed < 100ns........................................ –0.3V to 7V
SHDN, FB Voltage ........................................ –0.3V to 6V
VOUT............................................................. –0.3V to 6V
PGOOD......................................................... –0.3V to 6V
Operating Temperature Range
(Notes 2, 5).............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
ILOAD = 1mA
●
0.70
0.88
V
Output Voltage Adjust Range
TA = 0°C to 85°C
●
1.7
1.6
5.25
5.25
V
V
Feedback Voltage
(Note 7)
●
1.170
1.200
1.230
V
Feedback Input Current
VFB = 1.3V
1
50
nA
Quiescent Current—Shutdown
VSHDN = 0V, Not Including Switch Leakage, VOUT = 0V
0.01
1
μA
Quiescent Current—Active
Measured on VOUT, Nonswitching (Note 4)
300
500
μA
Quiescent Current—Burst
Measured on VOUT, FB > 1.230V
12
20
μA
N-Channel MOSFET Switch Leakage Current
VSW = 5V
0.1
10
μA
P-Channel MOSFET Switch Leakage Current
VSW = 5V, VOUT = 0V
0.1
10
μA
N-Channel MOSFET Switch On Resistance
0.175
Ω
P-Channel MOSFET Switch On Resistance
0.250
Ω
N-Channel MOSFET Current Limit
●
1.0
1.5
A
Current Limit Delay Time to Output
(Note 3)
60
ns
Maximum Duty Cycle
VFB = 1.15V
●
88
93
%
Minimum Duty Cycle
VFB = 1.3V
●
0%
Frequency
●
0.7
1.0
1.3
MHz
The ● denotes the specifications which apply over the specified operating
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, unless otherwise noted.
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
SHDN
FB
PGOOD
VOUT
VIN
SGND
PGND
SW
TJMAX = 125°C, θJA = 76°C/W (NOTE 6)
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3528EDDB#PBF
LTC3528BEDDB#PBF
LTC3528EDDB#TRPBF
LTC3528BEDDB#TRPBF
LCYD
LDDG
8-Lead (3mm × 2mm) Plastic DFN
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com