Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF01CN8 Datasheet(PDF) 1 Page - Linear Technology

Part # REF01CN8
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF01CN8 Datasheet(HTML) 1 Page - Linear Technology

  REF01CN8 Datasheet HTML 1Page - Linear Technology REF01CN8 Datasheet HTML 2Page - Linear Technology REF01CN8 Datasheet HTML 3Page - Linear Technology REF01CN8 Datasheet HTML 4Page - Linear Technology REF01CN8 Datasheet HTML 5Page - Linear Technology REF01CN8 Datasheet HTML 6Page - Linear Technology REF01CN8 Datasheet HTML 7Page - Linear Technology REF01CN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REF-01/REF-02
1
15V
–15V
412
Ω*
1/2W
357
Ω*
1/2W
5V
350
Ω
BRIDGE
ACTIVE
ELEMENT
R2
20k
R4
20k
R5
2M
R6
2M**
R3
2M
–
+
GAIN = 100
A2
LT1001
A1
†
LT307
IN
OUT
GND
REF-02
REDUCES REFERENCE AND AMPLIFIER LOADING.
IF R6 = R3, BRIDGE IS NOT LOADED BY R2 AND R4.
A1 VOS AND DRIFT ARE NOT CRITICAL.
*
**
†
TA01a
–5V
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
■ A/D and D/A Converters
■ Precision Regulators
■ Constant Current Sources
■ V/F Converters
■ Bridge Excitation
■ Trimmed Output
±0.3%
■
Low Drift—5ppm/
°C Typ
■ Low Noise—3ppm(P-P)
■ High Line Rejection
■
Temperature Output—REF-02
■ Low Supply Current 1.4mA Max
Precision
Voltage References
The REF-01/REF-02 are precision 10V and 5V bandgap
references which provide stable output voltages over a
wide range of operating conditions. Output voltage is
accurate to
±0.3%withalow5ppm/°Ctypicaltemperature
coefficient. The REF-01 and REF-02 are excellent choices
for applications where low drift, moderate accuracy, low
power consumption and low cost are considerations.
The REF-02 includes a temperature output pin which
provides a linear voltage proportional to absolute tem-
perature.
For lower drift and higher accuracy references, please see
the LT1019 and LT1021 data sheets.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Ultra Linear Strain Gauge Amplifier
Output Voltage Temperature Drift
TEMPERATURE (
°C)
–50
1.003
1.002
1.001
1.000
0.999
0.998
0.997
25
75
TA01b
–25
0
50
100
125
0
°C TO 70°C BOX GUARANTEED FOR
REF-01E AND REF-02E (8.5ppm/
°C)
FULL TEMP RANGE BOX GUARANTEED FOR
REF-01A AND REF-02A (8.5ppm/
°C)


Similar Part No. - REF01CN8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REF01C MAXIM-REF01C Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
REF01CESA MAXIM-REF01CESA Datasheet
251Kb / 8P
5V, 10V Precision Voltage References
REF01CESA MAXIM-REF01CESA Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Analog Devices
REF01CJ AD-REF01CJ Datasheet
296Kb / 7P
10V Precision Viltage Reference
REF01CJ AD-REF01CJ Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
More results

Similar Description - REF01CN8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
Precision Analog Voltage References
August, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
logo
ON Semiconductor
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
Precision Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com