Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSKW2021 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSKW2021
Description  5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2021 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSKW2021 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MTBF > 1,000,000 Hours
EMI Complies With EN55022 Class A
Short Circuit Protection
Industry Standard Pinout
SMT Technology
Remote on/off Control
I / O Isolation 1500VDC
2:1 Input Range
High Power Density
Efficiency up to 85%
Key Features
5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
Minmax's MSKW2000-Series are in “ gull-wing” SMT package. The series consists of 21 models with input voltage ranges of
9-18VDC, 18-36VDC and 36-75VDC which provide precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC.
The -40] to +71] operating temperature range makes it ideal for data communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments,
computer peripheral systems and industrial robot systems.
The modules have a maximum power rating of 5W and a typical full-load efficiency of 85%, continuous short circuit,Remote on/off
EN55022 Class A conducted noise compliance minimize design-in time, cost and eliminate the need for external filtering.
Wide Range
2:1
EN55022
EMI
I/O Isolation
1500
VDC
Remote on/off
SMD
Low Profile
Leadfree Reflow Solder Process as per IPC/JEDEC
J-STD-020C peak temp. 245C/10 sec.
EN55022 Class A
Conducted EMI
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
Free-Air Convection
Cooling
mW
2,500
---
Internal Power Dissipation
%
95
---
Humidity
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+125
-40
Storage Temperature
VDC
100
-0.7
48VDC Input Models
]
+90
-40
Case
Operating Temperature
VDC
50
-0.7
24VDC Input Models
]
+71
-40
Ambient
Operating Temperature
VDC
25
-0.7
12VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MSKW2000 Series
REV:5 2008/10
MINMAX
1


Similar Part No. - MSKW2021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSKW2021 MINMAX-MSKW2021 Datasheet
284Kb / 5P
DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MSKW2021 MINMAX-MSKW2021 Datasheet
427Kb / 5P
DC/DC CONVERTER 5W, SMD-Package
logo
Total Power Internation...
MSKW2021 TOTAL-POWER-MSKW2021 Datasheet
431Kb / 5P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSKW2021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSDW1000 MINMAX-MSDW1000 Datasheet
223Kb / 8P
2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
MSIW2000 MINMAX-MSIW2000 Datasheet
195Kb / 8P
3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A500RW MPD-A500RW Datasheet
164Kb / 2P
Wide Input Range, 5W Single & Dual Output DC/DC Converters
LF500RU MPD-LF500RU Datasheet
223Kb / 2P
Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters
LF500RW MPD-LF500RW Datasheet
228Kb / 2P
Wide Input, 5W SMT Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
DDC1000 MPSIND-DDC1000 Datasheet
180Kb / 2P
3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com