Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSV932 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MSV932
Description  Rail-to-Rail Input and Output Low Voltage 2.1V, Low Supply Current Dual Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MSV932 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MSV932 Datasheet HTML 1Page - MOSA ELECTRONICS MSV932 Datasheet HTML 2Page - MOSA ELECTRONICS MSV932 Datasheet HTML 3Page - MOSA ELECTRONICS MSV932 Datasheet HTML 4Page - MOSA ELECTRONICS MSV932 Datasheet HTML 5Page - MOSA ELECTRONICS MSV932 Datasheet HTML 6Page - MOSA ELECTRONICS MSV932 Datasheet HTML 7Page - MOSA ELECTRONICS MSV932 Datasheet HTML 8Page - MOSA ELECTRONICS MSV932 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MOSA
MSV932
Low Power Dual Operational Amplifiers with RRIO
REV 1
2
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
OUTA
1
Output A
-INA
2
Inverting input A
+INA
3
Non-inverting input A
VSS
4
Negative supply
+INB
5
Non-inverting input B
-INB
6
Inverting input B
OUTB
7
Output B
VDD
8
Positive supply
7
6
5
8
2
3
4
1
MSV932
+INB
V
DD
OUTB
-INB
OUTA
-INA
+INA
V
SS
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
8-Pin SOP
MSV932GTR
MSV932G
2.5k Units Tape and Reel
8-Pin SOP
MSV932GU
MSV932G
100 Units Tube
8-Pin MSOP
MSV932MGTR
V932G
3.5k Units Tape and Reel
8-Pin MSOP
MSV932MGU
V932G
80 Units Tube
Lead free, RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6
V
VESD
Electrostatic Handling
-2000 to 2000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 125
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP8
MSOP8
175
235
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.1
-
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com