Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM-1 Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part # ARM-1
Description  VARIABLE ATTENUATORS, MANUAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

ARM-1 Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  ARM-1 Datasheet HTML 1Page - Merrimac Industries, Inc. ARM-1 Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AR-2 Package Outline
AR-1 Package Outline
AR & ARM Se-
ries
VARIABLE ATTENUATORS, MANUAL
DC to 400 MHz / 20 dB Attenuation Range / Broadband / SMA or BNC Connec-
tors
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
NOTES:
1. Tolerance on 2 place decimals
±.030(.76) except as noted.
2. Tolerance on 3 place decimals
±.020(.51) except as noted.
3. Dimensions in inches over millimeters.
NOTES:
1. Tolerance on 2 place decimals
±.030(.76) except as noted.
2. Tolerance on 3 place decimals
±.020(.51) except as noted.
3. Dimensions in inches over millimeters.
26Feb96



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com