Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFD25E Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # WFD25E
Description  Waterfl ow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFD25E Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  WFD25E Datasheet HTML 1Page - Systemsensor advanced ideas. WFD25E Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Engineering Specifications
Vane-type System Sensor WFDE series waterflow detectors shall be installed on system piping as designated on the drawings and/or as specified herein.
Detectors shall mount on any clear pipe span of the appropriate nominal size, either a vertical upflow or horizontal run, at least 15 cm (6 in.) from any
fittings, which may change water direction, flow rate or pipe diameter, or no closer than 61 cm (24 in.) from a valve or drain. The detector shall respond
to waterflow in the specified direction after a preset time delay, which is field adjustable. The delay mechanism shall be a sealed mechanical pneumatic
unit with visual indication of actuation. The actuation mechanism shall include a polyethylene vane inserted through a hole in the pipe and connected
by a mechanical linkage to the delay mechanism. Outputs shall consist of dual SPDT switches (Form C contacts). Two conduit entrances (one of which is
a knockout type) for standard fittings of commonly used electrical conduit shall be provided on the detectors. A grounding provision is provided. WFDE
waterflow detectors shall be approved by Factory Mutual, LPC, VdS and SSL.
Waterflow Detector Specifications
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2006 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0243-007 • 7/06 • #1679
Standard Specifications
Static Pressure Rating
LPC: 17.25 BAR (250 PSI)
VdS: PN16 (16 BAR, 232 PSI)
Triggering Threshold Bandwidth (Flow Rate)
30–57 liters/minute
Contact Ratings; Two sets of SPDT (Form C)
10.0 A @ 125/250 VAC
2.5 A @ 24 VDC
Conduit Entrances
Two openings 22.2mm (.875 in.) diameter. One open, one knock-out type
Operating Temperature Range
0°C to 68°C (32°F to 155°F)
Enclosure Rating
IP54
Shipping Weight
WFD20E: 1.85 kg (4.08 lb.); WFD25E: 1.85 kg (4.08 lb.); WFD30-2E: 2.05 kg (4.53 lb.);
WFD40E: 2.36 kg (5.20 lb.); WFD60E: 3.03 kg (6.68 lb.); WFD80E: 3.45 kg (7.70 lb.)
U.S. Patent Numbers
5,213,205; 4,782,333; 3,845,259
Warranty
3 Years
20
0
5
10
15
25
Dial setting
0
Delay
adjustment
dial
Dial setting equals delay in seconds. Reference only.
Delay Adjustment Dial
NOTE: Common and B connections will
close when vane is deflected, i.e.,
when water is flowing. Dual switches
permit applications to be combined
on a single detector.
CONTACT RATINGS
125/250 VAC
24 VDC
10 AMPS
2.5 AMPS
WFDE
BB
COM
COM
WFDE
BB
COM
COM
Typical FACP Connection
To nonsilenceable
initiating zone of
listed FACP
end-of-line resistor
B
COM
To power source
compatible
with bell
local
bell
WFDE
switch assembly
Typical Local Bell Connection
Break wire as shown for
supervision of connection.
DO NOT allow stripped wire
leads to extend beyond
switch housing. DO NOT
loop wires.
T16-0010-XXX
A
COM
B
CO
M
CO
M
SWITCH 1
SWITCH 2
AA
B
B
–CAUTION–
ROUTE WIRING
AWAY FROM
SHARP EDGES
& COMPONENTS
SWITCH SCHEMATIC
“READY” STATE
WFDE Field Wiring Diagram
Compatible Pipe
Model
Ref. Pipe
Size mm
(in.)
Nominal Pipe O.D.
(mm)
Wall Thickness
(mm)
LPC
VdS
LPC
VdS
WFD20E
50 (2)
60.3
60.3
3.6
2.3/2.9
WFD25E
65 (2½)
76.0
76.1
3.6
2.6/2.9
WFD30-2E
80 (3)
88.8
88.9
4.0
2.9/3.2
WFD40E
100 (4)
114.1
114.3
4.5
3.2/3.6
WFD60E
150 (6)
165.1
168.3
5.0
4.0/4.5
WFD80E
200 (8)
219.1
219.1
6.3
4.5/5.9
Shipping Weight
Model
WFD20E
WFD25E
WFD30-2E WFD40E
WFD60E
WFD80E
1.85 kg
(4.08 lbs.)
2.05 kg
(4.53 lbs.)
2.36 kg
(5.20 lbs.)
3.03 kg
(6.68 lbs.)
3.45 kg
(7.70 lbs.)
Ordering Information
Model
Pipe Size
Hole Size
WFD20E
50mm (2”)
31.8mm (1¼”)
WFD25E
65mm (2½”)
31.8mm (1¼”)
WFD30-2E
80mm (3”)
50.8mm (2”)
WFD40E
100mm (4”)
50.8mm (2”)
WFD60E
150mm (6”)
50.8mm (2”)
WFD80E
200mm (8”)
50.8mm (2”)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com