Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

828BP4/10-3 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # 828BP4/10-3
Description  8 Bit Programmable 4-Pole Pair Filters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

828BP4/10-3 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  828BP4/10-3 Datasheet HTML 1Page - Frequency Devices, Inc. 828BP4/10-3 Datasheet HTML 2Page - Frequency Devices, Inc. 828BP4/10-3 Datasheet HTML 3Page - Frequency Devices, Inc. 828BP4/10-3 Datasheet HTML 4Page - Frequency Devices, Inc. 828BP4/10-3 Datasheet HTML 5Page - Frequency Devices, Inc. 828BP4/10-3 Datasheet HTML 6Page - Frequency Devices, Inc. 828BP4/10-3 Datasheet HTML 7Page - Frequency Devices, Inc. 828BP4/10-3 Datasheet HTML 8Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Band-Pass & Band-Reject
828BP & 828BR Series
8-Bit Programmable
4-Pole Pair Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Model
828BP4
Model
828BR4
Product Specifications
Band-Pass
Product Specifications
Band-Reject
Size
2.0" x 2.0" x 0.5"
Size
2.0" x 2.0" x 0.5"
Range fo
1 Hz to 25.6 kHz
Range fo
1 Hz to 25.6 kHz
Available "Q’s"1
1, 2, 5, 10
Available "Q’s"1
3, 10
Q Accuracy
±10%
Q Accuracy
±10%
Theoretical Transfer
Appendix A
Theoretical Transfer
Appendix A
Characteristics
Pages 41 & 42
Characteristics
Pages 43
Notch Attenuation
45 db typ.
Pass-Band Gain
0± 0.25 dB typ.
Pass-Band Gain
0± 0.25 dB typ.
(non-inverting)
0± 0.50 dB max.
(non-inverting)
0± 0.50 dB max.
Attenuation Rate
24 dB/octave
Attenuation Rate
24 dB/octave
Center Frequency
fo
±2% max.
Center Frequency
fo
±2% max.
Stability
±0.01%/°C
Stability
±0.01%/°C
Filter Mounting
FMA-02A
Filter Mounting
FMA-02A
Assembly
Assembly
1. Q – Quality Factor for band-pass and band-reject filters. Q = f
O/(fH-fL)fO = √ fHfL
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com