Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

950L8B Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 950L8B
Description  Tunable Filter Instruments
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

950L8B Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  950L8B Datasheet HTML 1Page - Frequency Devices, Inc. 950L8B Datasheet HTML 2Page - Frequency Devices, Inc. 950L8B Datasheet HTML 3Page - Frequency Devices, Inc. 950L8B Datasheet HTML 4Page - Frequency Devices, Inc. 950L8B Datasheet HTML 5Page - Frequency Devices, Inc. 950L8B Datasheet HTML 6Page - Frequency Devices, Inc. 950L8B Datasheet HTML 7Page - Frequency Devices, Inc. 950L8B Datasheet HTML 8Page - Frequency Devices, Inc. 950L8B Datasheet HTML 9Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Model 950
Tunable Filter Instruments
Description
Frequency Devices’ Model 950 instruments furnish
the user with an 8-pole low-pass or high-pass filter
that is tunable by front panel controls. The controls
allow the user to select a corner frequency between
10 Hz and 50 kHz with 6 steps from each of two
selectable ranges.
The instrument exhibits an input impedance of 1
Meg Ω shunted by 47pF to a single ended signal
source. When configured in the differential mode,
the instrument has a common mode rejection ratio
(CMRR) which exceeds 60dB; in this mode the
instrument presents an input impedance of 2 Meg Ω
shunted by 47pF to a double ended single source.
Front panel gain control also enables the operator
to select a gain factor of 0, 10, or 20dB.
Standard operational features include:
1) Adjustable Frequency Control
2) Differential Input Amplifiers
3) Adjustable Gain Control
4) Off-set Adjustment
5) BNC Connectors for Signal I/O
Compact size and manual rotary switch front panel
controls make 950 instruments a popular, cost
effective,
easy-to-use
solution
for
signal
conditioning applications in the following areas:
Anti-aliasing Filters
Biomedical/Biotechnology Applications
Data Recording/Playback
Data Smoothing
EKG/EEG Signal Filtering
FDM/PCM Signal Filtering
Medical Research
Industrial Process Control
Seismic Analysis
Vibration Analysis
Available Low-Pass Models: . . . . . . . . . . . . . Page
950L8B 8-pole Butterworth. . . . . . . . . . . . . . . . . . 3
950L8L 8-pole Bessel . . . . . . . . . . . . . . . . . . . . . 3
Available High-Pass Models: . . . . . . . . . . . . . Page
950H8B 8-pole Butterworth. . . . . . . . . . . . . . . . . . 3
General Specifications: . . . . . . . . . . . . . . . . . . . 6
Single Channel-
Certified
1


Similar Part No. - 950L8B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
950 LITTELFUSE-950 Datasheet
96Kb / 2P
250 V, T Lead Free
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
3M Electronics
950 3M-950 Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
logo
WECO ELECTRICAL CONNECT...
950 WECO-950 Datasheet
99Kb / 1P
PCB connector Screw connection
04.18
logo
Keystone Electronics Co...
950 KEYSTONE-950 Datasheet
152Kb / 1P
CONN PLUG USB3.0 MICRO USB B SLD
More results

Similar Description - 950L8B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
MEASUREMENT INSTRUMENTS
logo
Frequency Devices, Inc.
900CT FREQUENCYDEVICES-900CT Datasheet
733Kb / 19P
Tunable Active Filter Instrument
logo
Hittite Microwave Corpo...
HMC899 HITTITE-HMC899 Datasheet
907Kb / 8P
FILTER - TUNABLE, BAND PASS 19 - 38 GHz
HMC895LP4E HITTITE-HMC895LP4E_12 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
Tunable Band Pass Filter
logo
MTRONPTI
TF0111 MTRONPTI-TF0111 Datasheet
207Kb / 1P
Varactor Tunable Preselector Filter
TF0112 MTRONPTI-TF0112 Datasheet
203Kb / 1P
Varactor Tunable Preselector Filter
logo
Harris Corporation
HA-TF-30-520 HARRIS-HA-TF-30-520 Datasheet
81Kb / 2P
TUNABLE FILTER ACCESSORY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com