Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D76L6B Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # D76L6B
Description  32 Pin DIP 6-Pole Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D76L6B Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  D76L6B Datasheet HTML 1Page - Frequency Devices, Inc. D76L6B Datasheet HTML 2Page - Frequency Devices, Inc. D76L6B Datasheet HTML 3Page - Frequency Devices, Inc. D76L6B Datasheet HTML 4Page - Frequency Devices, Inc. D76L6B Datasheet HTML 5Page - Frequency Devices, Inc. D76L6B Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Low-Pass
6-Pole
Appendix A
Butterworth
8
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0.1
1.0
2
3
4
5 6 7 8 9
0.0
1.0
2.0
1.5
0.15
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
(sec)
Theoretical Transfer Characteristics
1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
-93.4
-101
-108
-115
-120
-57.3
-61.4
-65.3
-72.2
-83.9
-33.5
-36.1
-42.3
-47.8
-52.7
-503
-508
-512
-515
-518
-465
-471
-476
-484
-496
-419
-425
-439
-450
-458
.017
.012
.0097
.0076
.0062
.071
.060
.052
.039
.025
.193
.171
.132
.105
.086
-17.6
-21.2
-24.5
-27.7
-30.6
-1.88
-3.01
-6.17
-9.96
-13.9
-0.009
-0.060
-0.289
-0.578
-1.080
0.00
0.00
0.00
0.00
0.00
-0.001
-368
-382
-393
-403
-412
-252
-270
-304
-331
-352
-140
-167
-198
-215
-233
0.00
-22.2
-44.5
-67.2
-90.4
-115
.417
.345
.291
.251
.219
1.03
1.00
.845
.660
.518
.731
.803
.911
.970
1.02
.615
.617
.624
.637
.656
.685



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com