Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPDM-01 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # SPPDM-01
Description  Dual Channel, Differential Input FIR Filter Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPPDM-01 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  SPPDM-01 Datasheet HTML 1Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 2Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 3Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPPDM-01
DSP Solutions
Dual Channel, Differential Input
with Analog Input/Output
FIR Filter Platform
1
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Description
Design engineers now have an off-the-shelf
precision, dual channel hardware solution for
development of digital FIR filters that can be used
in production subassemblies.
Designers can
generate FIR filter characteristics in a MatLab
TM
V5.3 or V6.0 environment and directly load
standard or custom coefficient sets into the
SPPDM-01 platform via an RS232 interface
located
on
the
users
field
programmable
subassembly or from the SPPDB-01 development
board.
By utilizing the SPPDF-01 hardware with the
enclosed MatLab GUI, generated coefficients are
loaded directly into the removable SPPDM-01
platform
for
insertion
into
finished
EOEM
products.
This
unique
capability
minimizes
product development and manufacturing cycle
times while providing precise unit-to-unit product
matching in a small 2” x 2” footprint that can be
reconfigured or upgraded in the field
.
SPPDM-01 FIR filter platforms operates over a
100 Hz to 20 kHz audio frequency range. Each
channel can be configured to provide up to 9-bits
of filter frequency programmability per channel.
This dual channel DSP design solution contains
anti-alias and reconstruction filters along with
ADC’s and DAC’s offering low noise and distortion
signal processing with THD approaching –100 dB.
Sampling at 48 kHz the fixed point DSP utilizes
32-bit math to achieve 24-bits of precision.
Features/ Benefits:
• Compact 2” x 2” dual channel design
combined with large program memory (256 k
EE-Prom)
and
4-Mbits
of
flash
memory
optimizes DSP processing power in minimal
board space.
• SPPDB-01 development hardware offers rapid
set-up,
programming
and
performance
evaluation,
shortening
the
product
development
cycle
while
insuring
high
precision field programmable installation.
• Field programmability of coefficient sets,
analog I/O and storage for 100’s of application
specific FIR filters provide designers with
unmatched design, implementation and field
upgrade flexibility.
SPPDM-01 Platform
Digital
Filters
Digital
Signal
Processor
Program
memory
EE-Prom
Flash
memory
(coefficients)
∑∆
A/D
∑∆
D/A
+
_
+
_
∑∆
D/A
∑∆
A/D
3 w ire digital
output bus
10 wire digital
input bus
ADC / DAC
Converters
Analog I/O
DSP
Analog
Filters
SPPDM-01 Block diagram
Applications
• Brick-Wall; High-Pass, Low-Pass, Band-Pass,
Band-Reject and Multi-Rate filters with Linear
Phase
and
Signal
Generators
for
Data
Acquisition Systems.
• Speech analysis, research, pathology
• Sound and vibration testing
OTHER AVAILABLE PLATFORM PRODUCTS
SPP-01: Plug and play hardware/evaluation board,
programmable with turnkey or customer generated
algorithms.
SPPDB-01: Development Board, for the SPP-01
family of products. May also be used as a mounting
assembly.
SPPDS-01: Development Suite for all SPP platform
products. Requires TI’s Code Composer Studio
TM.
SPPDF-01: Development Suite for SPPDM-01 FIR
filter products. Requires MatLab
TM V5.3 or V6.0.


Similar Part No. - SPPDM-01

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
SPPDB-01 FREQUENCYDEVICES-SPPDB-01 Datasheet
189Kb / 2P
Development Board & Mounting Assembly for SPP-01 Series Products
SPPDF-01 FREQUENCYDEVICES-SPPDF-01 Datasheet
70Kb / 1P
FIR Filter Development Suite for SPPDM-01
SPPDS-01 FREQUENCYDEVICES-SPPDS-01 Datasheet
177Kb / 1P
Development Suite for SPP-01
More results

Similar Description - SPPDM-01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
Programmable FIR Filter
logo
LOGIC Devices Incorpora...
LF43168 LODEV-LF43168 Datasheet
184Kb / 16P
Dual 8-Tap FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
Dual FIR Filter
May 1999
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
Programmable FIR Filter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
Dual FIR Filter
April 18, 2007
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
Programmable FIR Filter
logo
Frequency Devices, Inc.
SPP-01 FREQUENCYDEVICES-SPP-01 Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
Dual FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
Dual FIR Filter
July 27, 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com