Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM16FFFA Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # VM16FFFA
Description  Fixed Frequency Filter with Selectable Gain VME Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM16FFFA Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  VM16FFFA Datasheet HTML 1Page - Frequency Devices, Inc. VM16FFFA Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
(@ 25°C and rated Power Input)
Model VM16FFFA
VME Filter Board
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us.
We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-VM16FFFA-02
16 CHANNELS OF FIXED FREQUENCY FILTERS AND SELECTABLE GAIN
Analog Input
1. Impedance
1 M
Ω//47pF
2. Input Range
±10V pk. linear
3. Maximum Input
±30V peak, either input
4. Common Mode Rejection
70 dB typ., 60 dB min. @ 60 Hz.
Analog Output
5. Impedance
1
Ω typ., 10 Ω max.
6. Linear Operating Range
±10V pk.
7. Channel to Channel Crosstalk
<-80 dB @ 20 kHz
8. Maximum Current
±5mA
9. Offset Voltage
±2mV max. trimmable to zero
10. Short Circuit Protection
Short to Ground
11. Peak Distortion @ 1 kHz,
Gain of x1
-95 dBc max., D68 w/7.07 Vrms input
12. In-band Spectral Noise,
Gain of x500
80nV /
√Hz
__
max., D68 idle channel
Filter Characteristics
13. See Series Specifications
D61, D64, D66, D68, D72, D74, D76, D78, D64BP, D68BP, D68BR
Gain
14. Jumper Selectable Steps
1, 10, 100, 200, 500
15. Accuracy
±2%
Power Supply
16. From VME Backplane
+5V ± 5%
4.0 A max., outputs unloaded
17. Isolation
Analog ground may be isolated from VME and chassis
ground by jumper.
Environmental
18. Operating
0°C to +70°C
19. Storage
-25°C to +85°C
20. Humidity
0-95% non-condensing
Mechanical
21. Card Size
VMEbus 6U single slot 9.17 x 6.3 inches, (233 x 160 mm)
22. No. of Input Channels
16 Differential - DC coupled
23. No. of Output Channels
16 Single Ended - DC coupled
24. Mating Connectors
62-pin "D", Quantity 2, Input and Bypass
44-pin "D", Quantity 1, Output
25. Weight
1.5 lbs., (0.68 kg.)
Ordering Information
8 or 16 Channels
VM16FFFA-8-Filter Type and fc
e.g. D61L4B-0.10 Hz
D68L8B-100 kHz
D74H4B-96.0 kHz
D78L8L-75 Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com