Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM2.0PAFF Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # VM2.0PAFF
Description  Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM2.0PAFF Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  VM2.0PAFF Datasheet HTML 1Page - Frequency Devices, Inc. VM2.0PAFF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-3 dB Corner Frequency
e.g.>100kHz to 2.0 MHz
Optional
A- AC Coupled Input
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
32 Channel
Model VM2.0PAFF
Programmable Amplifiers
with Fixed Frequency Filters
>100 kHz to 2.0 MHz VME Board
AMPLIFIER/FILTER OPTIONS
PGAB5-2.0
-12 dB to +36 dB in 6 dB steps
Butterworth 4-pole, >100 kHz to 2.0 MHz
PGAL5-2.0
-12 dB to +36 dB in 6 dB steps
Bessel 4-pole, >100 kHz to 2.0 MHz
Description
Frequency Devices’ Model VM2.0PAFF comprises a
family of VMEbus amplifier/filter boards offering
software programmable differential amplifiers combined
with precision 4-pole Butterworth or Bessel linear
analog filters in a single width B-size (6U) VME form
factor.
VM2.0PAFF boards provide simultaneous
access to 32, DC-coupled wideband signals while
providing programmable gain from –12dB to +36dB in
6dB steps and fixed frequency filters with corner
frequencies from >100 kHz to 2.0 MHz. VM2.0PAFF
boards may be configured with 8, 16, or 32 channels.
The boards conform to VME revision C.1 as an A16/D16
Slave. Available options include AC-coupled input.
Features/Benefits:
• Simultaneous access over 32 channels offers a
low cost, versatile and convenient way to provide
amplification and filtering.
• Three active read/write registers provide
programming and set-up verification.
• Phase match of ±2.0º and gain accuracy of
±0.1dB provides precision performance solutions
to design engineers, system integrators and
OEM’s.
• Four pole Butterworth or Bessel transfer functions
with broad range of corner frequencies to meet a
wide range of applications
• High channel count density without sacrificing
performance maximizes chassis utilization.
Signal conditioning applications include:
• Sonar, navigation and aerospace
• Engine test and simulation
• Acoustic and vibration analysis
• Satellite and telecommunications
• Laboratory R & D
• Automatic test equipment (ATE)
• Industrial process control
Ordering Information
8, 16, or 32 Channels
VM2.0PAFF-32 – PGAL5-2.0-1.75 MHz-A


Similar Part No. - VM2.0PAFF

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
VM2.0PAFF-PGAB5-2.0 FREQUENCYDEVICES-VM2.0PAFF-PGAB5-2.0 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
VM2.0PAFF-PGAL5-2.0 FREQUENCYDEVICES-VM2.0PAFF-PGAL5-2.0 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
More results

Similar Description - VM2.0PAFF

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
PGAB5 FREQUENCYDEVICES-PGAB5 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
VM8PF FREQUENCYDEVICES-VM8PF Datasheet
254Kb / 2P
Programmable VME Filter Board
VM16FFFA FREQUENCYDEVICES-VM16FFFA Datasheet
188Kb / 2P
Fixed Frequency Filter with Selectable Gain VME Board
VM32FF FREQUENCYDEVICES-VM32FF Datasheet
150Kb / 2P
Fixed Frequency VME Filter Board
VM32PA FREQUENCYDEVICES-VM32PA Datasheet
224Kb / 2P
Programmable Amplifier VME Board
VM32PA2.0 FREQUENCYDEVICES-VM32PA2.0 Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
VM32PAFF FREQUENCYDEVICES-VM32PAFF Datasheet
263Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
D70 FREQUENCYDEVICES-D70 Datasheet
677Kb / 14P
100 Hz to 50 kHz Fixed Frequency
logo
Bel Fuse Inc.
0RRQ-50V10R BEL-0RRQ-50V10R Datasheet
701Kb / 15P
Fixed Frequency (300 KHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com