Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM32PA Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # VM32PA
Description  Programmable Amplifier VME Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM32PA Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  VM32PA Datasheet HTML 1Page - Frequency Devices, Inc. VM32PA Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
32 Channel
Model VM32PA
Programmable Amplifier
VME Board
GAIN AMPLIFIER
PGA5-100
-12 dB to +60 dB in 6 dB steps
Channels
Options
8, 16 or 32
A - AC Coupled
D - Differential Output
Signal conditioning applications include:
• Sonar, navigation and aerospace
• Engine test and simulation
• Acoustic and vibration analysis
• Satellite and telecommunications
• Laboratory R & D
• Automatic test equipment (ATE)
• Industrial process control
Features/Benefits:
• Simultaneous access over 32 channels offers a
low cost, versatile and convenient way to provide
amplification.
• Three active read/write registers provide
programming and set-up verification.
• Interchannel cross talk <-100 dB, phase match of
0.2° and gain accuracy of ±0.1 dB at DC provides
precision performance solutions to design
engineers, system integrators and OEM’s.
• High channel count density without sacrificing per-
formance maximizes chassis utilization.
Description
Frequency Devices’ Model VM32PA comprises a
family of VMEbus amplifier boards offering software
programmable differential amplifiers in a single
width B-size (6U) VME form factor. VM32PA boards
provide simultaneous access to 32, DC-coupled
wideband signals while providing programmable
gain from -12dB to +60dB, in 6dB steps for signal
bandwidths from 100 Hz to 100 kHz.
VM32PA
boards may be configured with 8, 16 or 32 channels.
The boards conform to VME revision C.1 as an
A16/D16 Slave.
Available options include AC
coupled input and/or differential output.
Ordering Information
VM32PA-8-PGA5-100-D


Similar Part No. - VM32PA

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
VM32PA-PGA5-100 FREQUENCYDEVICES-VM32PA-PGA5-100 Datasheet
465Kb / 3P
Programmable Amplifiers
VM32PA2.0 FREQUENCYDEVICES-VM32PA2.0 Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
VM32PA2.0-16 FREQUENCYDEVICES-VM32PA2.0-16 Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
VM32PA2.0-32 FREQUENCYDEVICES-VM32PA2.0-32 Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
VM32PA2.0-32-PGA5-2.0-A FREQUENCYDEVICES-VM32PA2.0-32-PGA5-2.0-A Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
More results

Similar Description - VM32PA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI68C153 IMP-EI68C153 Datasheet
35Kb / 2P
Bus Interrupter Module (VME)
logo
List of Unclassifed Man...
DL400 ETC-DL400 Datasheet
100Kb / 6P
VME Basismodul
logo
Actel Corporation
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
VME A32D32 Slave Controller
logo
Frequency Devices, Inc.
VM8PF FREQUENCYDEVICES-VM8PF Datasheet
254Kb / 2P
Programmable VME Filter Board
VM16FFFA FREQUENCYDEVICES-VM16FFFA Datasheet
188Kb / 2P
Fixed Frequency Filter with Selectable Gain VME Board
VM2.0PAFF FREQUENCYDEVICES-VM2.0PAFF Datasheet
795Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
VM32FF FREQUENCYDEVICES-VM32FF Datasheet
150Kb / 2P
Fixed Frequency VME Filter Board
VM32PA2.0 FREQUENCYDEVICES-VM32PA2.0 Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
VM32PAFF FREQUENCYDEVICES-VM32PAFF Datasheet
263Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com