Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM32PAFF Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # VM32PAFF
Description  Programmable Amplifiers with Fixed Frequency Filters VME Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM32PAFF Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  VM32PAFF Datasheet HTML 1Page - Frequency Devices, Inc. VM32PAFF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model VM32PAFF
Programmable Amplifiers
with Fixed Frequency Filters
32 Channel
VME Board
Description
Frequency Devices’ Model VM32PAFF comprises a
family of VMEbus amplifier/filter boards offering software
programmable differential amplifiers combined with
precision 3-pole Butterworth or Bessel linear analog
filters in a single width B-size (6U) VME form factor.
VM32PAFF boards provide simultaneous access to 32,
DC-coupled
wideband
signals
while
providing
programmable gain from -12dB to +60dB, in 6dB steps.
Fixed frequency filters are available with corner
frequencies from 100 Hz to 100 kHz. VM32PAFF boards
may be configured with 8, 16, 24 or 32 channels. The
boards conform to VME revision C.1 as an A16/D16
Slave. Available options include AC coupled input and/or
differential output.
Features/Benefits:
• Simultaneous access over 32 channels offers a low
cost, versatile and convenient way to provide
amplification and filtering.
• Interchannel crosstalk <-90 dB provides precision per­
formance solutions to design engineers, system inte­
grators and OEM’s.
• 3-pole Butterworth or Bessel transfer functions with a
broad range of corner frequencies are offered to meet
a wide range of applications.
• High channel count density without sacrificing perfor­
mance maximizes chassis utilization.
Signal conditioning applications include:
• Sonar, navigation and aerospace
• Engine test and simulation
• Acoustic and vibration analysis
• Satellite and telecommunications
• Laboratory R & D
• Automatic test equipment (ATE)
• Industrial process control
Ordering Information
Transfer Function
B - Butterworth
L - Bessel
U.S. Selling Price (1-4)
VM32PAFF-8 . . .$1,400.00
VM32PAFF-16 . . 1,500.00
VM32PAFF-32 . . 1,900.00
Add Price of PGA Modules
Orders for Export
U.S. Selling Price + 20%
Minimum Order Value $150.00
F.O.B. Haverhill, MA
Lead-Time: 6-8 weeks A.R.O
Accept Visa, Mcard, Amex
AMPLIFIER/FILTER OPTIONS
PGAB5
-12 dB to +60 dB in 6 dB steps
Butterworth 3-pole 100 Hz to 100 kHz
PGAL5
-12 dB to +60 dB in 6 dB steps
Bessel 3-pole 100 Hz to 100 kHz
Options
A - AC Coupled Input
D - Differential Output
VM32PAFF-16-PGAB5-75 kHz-D
8, 16 or 32 Channels
-3dB Corner Frequency
e.g. 100Hz, 75 kHz, 100 kHz
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434/7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com


Similar Part No. - VM32PAFF

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
VM32PAFF-PGAB5-100 FREQUENCYDEVICES-VM32PAFF-PGAB5-100 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
VM32PAFF-PGAB5-300 FREQUENCYDEVICES-VM32PAFF-PGAB5-300 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
VM32PAFF-PGAL5-100 FREQUENCYDEVICES-VM32PAFF-PGAL5-100 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
VM32PAFF-PGAL5-300 FREQUENCYDEVICES-VM32PAFF-PGAL5-300 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
More results

Similar Description - VM32PAFF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5BAF ETC1-5BAF Datasheet
513Kb / 5P
Differential Fixed Frequency Filters
logo
Frequency Devices, Inc.
5BAF-LPBE4 FREQUENCYDEVICES-5BAF-LPBE4 Datasheet
539Kb / 5P
Differential Fixed Frequency Filters
PGAB5 FREQUENCYDEVICES-PGAB5 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
VM8PF FREQUENCYDEVICES-VM8PF Datasheet
254Kb / 2P
Programmable VME Filter Board
VM16FFFA FREQUENCYDEVICES-VM16FFFA Datasheet
188Kb / 2P
Fixed Frequency Filter with Selectable Gain VME Board
VM2.0PAFF FREQUENCYDEVICES-VM2.0PAFF Datasheet
795Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
VM32FF FREQUENCYDEVICES-VM32FF Datasheet
150Kb / 2P
Fixed Frequency VME Filter Board
VM32PA FREQUENCYDEVICES-VM32PA Datasheet
224Kb / 2P
Programmable Amplifier VME Board
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com