Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541B Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD4541B
Description  CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4541B Datasheet(HTML) 5 Page - Texas Instruments

  CD4541B Datasheet HTML 1Page - Texas Instruments CD4541B Datasheet HTML 2Page - Texas Instruments CD4541B Datasheet HTML 3Page - Texas Instruments CD4541B Datasheet HTML 4Page - Texas Instruments CD4541B Datasheet HTML 5Page - Texas Instruments CD4541B Datasheet HTML 6Page - Texas Instruments CD4541B Datasheet HTML 7Page - Texas Instruments CD4541B Datasheet HTML 8Page - Texas Instruments CD4541B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Digital Timer Application
A positive pulse on MASTER RESET resets the counters
and latch. The output goes high and remains high until the
number of pulses, selected by A and B, are counted. This
circuit is retriggerable and is as accurate as the input fre-
quency. If additional accuracy is desired, an external clock
can be used on pin 3. A setup time equal to the width of the
one-shot output is required immediately following initial
power up, during which time the output will be high.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RTC
RS
AR
MR
INPUT
B
A
t
OUTPUT
VDD
CTC
FIGURE 3. DIGITAL TIMER APPLICATION CIRCUIT
82
80
70
60
50
40
30
20
10
0
0
10
20
304050
60
70
80
88
79 - 87
(2.007 - 2.210)
4 - 10
(0.102 - 0.254)
85 - 93
(2.159 - 2.362)
NOTE: Dimensions in parentheses are in millimeters and are de-
rived from the basic inch dimensions as indicated. Grid graduations
are in mils (10-3 inch).
FIGURE 4. DIMENSIONS AND PAD LAYOUT FOR CD4541B
CD4541B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com