Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-3 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # ST-3
Description  Intelligent Duct Smoke Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ST-3 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  ST-3 Datasheet HTML 1Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 2Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 3Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The duct smoke detector shall be a System
Sensor Model ED-DPR Intelligent Duct
Smoke Detector to be used with com-
patible control panels. The duct smoke
detector shall be UL listed per UL 268A,
Standard for Smoke Detectors for Duct
Applications, specifically for use in air
handling systems. The detector shall oper-
ate in air velocities from 500 to 4000 feet
per minute. The detector housing shall be
equipped with an integral mounting base
capable of accommodating either the ED-
DP or ED-DPI photoelectric detector head.
It shall be capable of remote testing from
the RTS451 or RTS451KEY Remote Test
Station. The duct smoke detector housing
shall incorporate an airtight smoke cham-
ber in compliance with UL 268A. The
housing shall be capable of mounting to
either rectangular or round ducts without
adapter brackets. An integral filter system
shall be included to reduce dust and resi-
due effects, thereby reducing maintenance
and servicing. Sampling tubes shall be eas-
ily installed after the housing is mounted
to the duct by passing through the duct
housing. Terminal connections shall be of
the strip and clamp method suitable for
14-18 AWG wiring.
Architect/Engineer Specifications
Wiring diagram for ED-DPR Duct Smoke Detector with optional RA400Z
Wiring diagram for ED-DPR Duct Smoke Detector with RTS451/RTS451KEY
-
+
OPTIONAL RETURN LOOP
(–) COM LINE
TO REST OF SYSTEM
(+) COM LINE
TO REST OF SYSTEM
SLC
SLC
2
1
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
1
2
3
1
2
3
GROUND
RTS451/
451KEY
5
4
1
2
DUCT DETECTOR
RTS451/RTS451KEY
REMOTE TEST STATION
ALARM
(LED)
5
8
7
4
TEST (+)
TEST (+)
TEST (–)
TEST (–)
(–)
(+)
4
6
(+)
(–)
DUCT DETECTOR
Break Tab on RA400Z for use with ED-DPR.
RA400Z
REMOTE
ANNUNCIATOR
RED
Wiring diagram for ED-DPR Duct Smoke Detector using a UL listed control panel
Note: For terminals 9 through 14, normally closed
and normally opened relay positions are
defined with product in reset condition, not
in alarm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com