Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPW Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SPW
Description  Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SPW Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SPW Datasheet HTML 1Page - Systemsensor advanced ideas. SPW Datasheet HTML 2Page - Systemsensor advanced ideas. SPW Datasheet HTML 3Page - Systemsensor advanced ideas. SPW Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A05-0424-002
SpectrAlert Advance Speaker and Speaker Strobe Specifications
Architectural/Engineering Specifications
General
SpectrAlertAdvancespeakerandspeakerstrobesshallmounttoa4×4×21⁄8-inchbackbox.Auniversalmountingplateshallbeusedformountingceilingand
wall products. The notification appliance circuit and amplifier wiring shall terminate at the universal mounting plate. Also, SpectrAlert Advance speaker strobes,
whenusedwiththeSync•Circuit™Moduleaccessory,shallbepoweredfromanon-codednotificationappliancecircuitoutputandshalloperateonanominal
12or24volts.WhenusedwiththeSync•CircuitModule,12-voltratednotificationappliancecircuitoutputsshalloperatebetweennineand17.5volts;24-volt
rated notification appliance circuit outputs shall operate between 17 and 33 volts. Indoor SpectrAlert Advance products shall operate between 32°F and 120°F
from a regulated DC, or full-wave rectified, unfiltered power supply. Speaker strobes shall have field-selectable candela settings including 15, 15/75, 30, 75, 95,
110, 115, 135, 150, 177, 185.
Speaker
The speaker shall be a System Sensor SpectrAlert Advance model _______ dual-voltage transformer speaker capable of operating at 25.0 or 70.7 nominal Vrms.
It should be listed to UL 1480 and shall be approved for fire protective service. The speaker shall have a frequency range of 400 to 4000 Hz and shall have an
operating temperature between 32°F and 120°F. Speaker shall have power taps and voltage that are selected by rotary switches.
Speaker Strobe combination
The speaker strobe shall be a System Sensor SpectrAlert Advance model __________ listed to UL1480 and UL 1971 and be approved for fire protective signaling
systems. Speaker shall be capable of operating at 25.0 or 70.7 nominal Vrms selected via rotary switch, and shall have a frequency range of 400 to 4000 Hz.
Speaker shall have power taps which are selected by rotary switch. The strobe shall comply with the NFPA72 requirements for visible signaling appliances,
flashing at 1 Hz over the strobe’s entire operating voltage range. The strobe light shall consist of a xenon flash tube and associated lens/reflector system.
Synchronization Module
ThemoduleshallbeaSystemSensorSync•CircuitmodelMDLlistedtoUL464andshallbeapprovedforfireprotectiveservice.Themoduleshallsynchronize
SpectrAlertstrobesat1Hz.Themoduleshallmounttoa411⁄16×411⁄16×21⁄8-inchbackbox.ThemoduleshallalsocontroltwoStyleY(classB)circuitsoroneStyle
Z (class A) circuit. The module shall synchronize multiple zones. Daisy chaining two or more synchronization modules together will synchronize all the zones
they control. The module shall not operate on a coded power supply.
Physical Specifications
Operating Temperature
32°F to 120°F (0°C to 49°C)
Humidity Range
10 to 93% non-condensing
Dimensions, Wall-Mount
SPS Speaker Strobe
6.0inL×5.0inW×4.7inD(includinglensandspeaker)
SPSV Speaker Strobe
6.0inL×5.0inW×4.9inD(includinglensandspeaker)
SP Speaker
6.0inL×5.0inW×2.8inD
SPSV Speaker
6.0inL×5.0inW×2.9inD
Dimensions, Ceiling-Mount
SPS Speaker Strobe
6.8inDia.×4.7inD(includinglensandspeaker)
SPSV Speaker Strobe
6.8inDia.×4.8inD(includinglensandspeaker)
SP Speaker
6.8inDia.×2.8inD
SPV Speaker
6.8inDia.×2.9inD
Electrical/Operating Specifications
Nominal Voltage (speakers)
25 Volts or 70.7 Volts (nominal)
Maximum Supervisory Voltage (speakers)
50 VDC
Strobe Flash Rate
1 flash per second
Nominal Voltage (strobes)
Regulated 12 VDC/FWR or regulated 24 DC/FWR
Operating Voltage Range (includes fire alarm
panels with built in sync)
8 to 17.5 V (12 V nominal) or 16 to 33V (24 V nominal)
Operating Voltage with MDL Sync Module
9 to 17.5 V (12 V nominal) or 17 to 33V (24 V nominal)
Frequency Range
400 to 4000 Hz
Power
¼, ½, 1, 2 watts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com