Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPWK Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SPWK
Description  Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SPWK Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SPWK Datasheet HTML 1Page - Systemsensor advanced ideas. SPWK Datasheet HTML 2Page - Systemsensor advanced ideas. SPWK Datasheet HTML 3Page - Systemsensor advanced ideas. SPWK Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agency Listings
Outdoor Selectable
Output Speaker Strobes
and Dual Voltage
Evacuation Speakers
The new full line of SpectrAlert® Advance outdoor
selectable output speaker strobes and dual evacuation
speakers offer a broad range of products to meet
virtually every outdoor application.
Features
Plug-in design
•
Electrical compatibility with legacy SpectrAlert products
•
Shorting spring on mounting plate tests continuity before
•
installation
Rotary switch simplifies field selection of speaker voltage (25 and
•
70.7 Vrms) and power settings (¼, ½, 1 and 2 watts)
Universal mounting plate for wall- and ceiling-mount units
•
Weatherproof per NEMA 4x, IP56
•
Compatible with System Sensor synchronization protocol
•
Automatic selection of 12- or 24-volt operation at 15 and 15/75
•
candela
Field selectable candela settings on wall and ceiling units
•
Ceiling and wall mount application
•
The SpectrAlert Advance series offers the broadest line of
outdoor speakers and speaker strobes in the industry. From metal
and plastic outdoor back boxes, to white and red plastic housings,
to wall and ceiling mounting options, virtually every application
is covered. SpectrAlert Advance outdoor speakers and speaker
strobes offer reliable operation over the entire temperature range of
–40°F to 151°F. They may be used indoors or outdoors in wet or dry
applications. In addition, these speakers provide a broad frequency
response range and low harmonic distortion to provide an accurate
and intelligible broadcast of evacuation messages. High sound
pressure level at all tap settings ensures that messages are clearly
heard.
The plug-in design allows the installer to pre-wire mounting plates
and dress the wires before plugging in the speakers to help reduce
ground faults. This design also allows faster installations with instant
feedback to ensure that wiring is properly connected, rotary switches
to select voltage and power settings, and field selectable candela
settings for wall and ceiling speaker strobes.
The new weatherproof back boxes have plastic and metal versions.
They are now designed to accommodate in-and-out wiring for
daisy chaining outdoor devices. The plastic weatherproof back
boxes shipped with the product feature removable side flanges and
improved resistance to salt water corrosion. The screw hole knock-
outs located on the back of the weatherproof back box eliminate the
need to drill holes for screw-in mounting. Both weatherproof back
boxes come with ¾-inch top and bottom conduit entries and ¾-inch
knock-outs at the back. Included with each back box is a screw-in
NPT plug with an O-ring gasket for a water tight seal. Metal back
boxes are available separately.
10-08-E
7320-1653:201
S4048


Similar Part No. - SPWK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SPWK GAMEWELL-FCI-SPWK Datasheet
272Kb / 3P
Wall mount outdoor speaker
More results

Similar Description - SPWK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
Selectable Output Strobe and Horn Strobes
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
Selectable Output Wall Speaker/Strobes
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
Selectable Output Outdoor Wall Speaker/Strobes
SP201K SYSTEMSENSOR-SP201K Datasheet
268Kb / 2P
SP201K Outdoor Dual Voltage Evacuation Speakers
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
Selectable Output Chimes and Chime/Strobes
SPW SYSTEMSENSOR-SPW Datasheet
1Mb / 4P
Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SP200W SYSTEMSENSOR-SP200W Datasheet
396Kb / 2P
Dual-Voltage Evacuation Speakers
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
SELECTABLE OUTPUT STROBES AND HORNS
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com