Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH100LP Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # DH100LP
Description  2-Wire Low-Flow Duct Smoke Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100LP Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  DH100LP Datasheet HTML 1Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 2Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 3Page - Systemsensor advanced ideas. DH100LP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Air velocity rating from
100 to 4000 feet per minute
(0.5 to 20.32 m/sec.)
Patented telescopic sampling tube
12/24 VDC operation
Built-in reset button
Outside mounting tabs
Easy and quick mounting to round
or rectangular ducts from 1′–12′
(0.3–3.7 meters) wide
Photoelectric models available
Easy to clean
UL recognized field-replaceable
power and sensor boards
Remote test station option
Remote annunciator option
Transparent cover for convenient
visual inspection
UL 268A listed
3-year warranty
The System Sensor Innovair™ DH100LP is a 2-wire photoelectric air duct smoke
detector capable of sensing smoke in air velocities from 100 to 4,000 feet per
minute (0.5 to 20.32 m/sec). This Innovair features Low-Flow technology
enabling duct smoke detection throughout a broad range of airflow environ-
ments. Many difficult to solve HVAC applications occur in low airflow duct
applications where reliable smoke detection is critical. Innovair with Low-Flow
technology can detect smoke at air speed velocities of 100 feet per minute or
greater, while continuing the same reliable performance to 4,000 feet per minute.
The Innovair family is designed for simplified installation and easy maintenance.
The modular construction allows for easy cleaning and uncomplicated field
replacement of the UL recognized power and sensor boards.
WARNING: Duct smoke detectors have specific limitations.
DUCT SMOKE DETECTORS ARE:
NOT a substitute for an open area smoke detector,
NOT a substitute for early warning detection, and
NOT a replacement for a building’s regular fire detection system.
Refer to NFPA 72 and 90A for additional duct smoke detector application
information.
Model
DH100LP
2-WirePhotoelectric
DuctSmokeDetector
withLow-Flow
Technology
Product Overview
2-Wire Low-Flow
Duct Smoke Detector
H
V A
C
S
y
S
t
e
m
S
m
o
n
i
t
o
r
i
n
g


Similar Part No. - DH100LP

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
DH100 DONGYA-DH100 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100A12AMA DONGYA-DH100A12AMA Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100A12AMH DONGYA-DH100A12AMH Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100A12ANA DONGYA-DH100A12ANA Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100A12ANH DONGYA-DH100A12ANH Datasheet
1Mb / 2P
High Voltage DC Contactor
More results

Similar Description - DH100LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
4-Wire Duct Smoke Detector
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
4-Wire Ionization Duct Smoke Detector
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
Watertight 4-Wire Low-Flow Duct Smoke Detector
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
Intelligent Low-Flow Duct Smoke Detectors
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
Duct Smoke Detector Accessories
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
4-Wire Photoelectric Duct Smoke Detector
DH100P SYSTEMSENSOR-DH100P Datasheet
134Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
DUCT SMOKE DETECTOR
01/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com