Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54AC32F3A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54AC32F3A
Description  Quad 2-Input OR Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54AC32F3A Datasheet(HTML) 4 Page - Texas Instruments

  CD54AC32F3A Datasheet HTML 1Page - Texas Instruments CD54AC32F3A Datasheet HTML 2Page - Texas Instruments CD54AC32F3A Datasheet HTML 3Page - Texas Instruments CD54AC32F3A Datasheet HTML 4Page - Texas Instruments CD54AC32F3A Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay, Input to
Output
tPLH, tPHL
1.5
-
-
108
-
-
119
ns
3.3
(Note 9)
3.4
-
12.1
3.3
-
13.3
ns
5
(Note 10)
2.4
-
8.6
2.4
-
9.5
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
47
-
-
47
-
pF
ACT TYPES
Propagation Delay, Input to
Output
tPHL
tPLH
5
(Note 10)
3.1
-
11
3
-
12.1
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
47
-
-
47
-
pF
NOTES:
8. Limits tested at 100%.
9. 3.3V Min at 3.6V, Max at 3V.
10. 5V Min at 5.5V, Max at 4.5V.
11. CPD is used to determine the dynamic power consumption per gate.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 1. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
FIGURE 2.
GND
INPUT
LEVEL
tPLH
tr = 3ns
tf = 3ns
90%
VS
10%
tPHL
VS
(A, B)
Y
CD54/74AC32, CD54/74ACT32



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com