Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B112LP Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # B112LP
Description  Plug-in Detector Base
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B112LP Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  B112LP Datasheet HTML 1Page - Systemsensor advanced ideas. B112LP Datasheet HTML 2Page - Systemsensor advanced ideas. B112LP Datasheet HTML 3Page - Systemsensor advanced ideas. B112LP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D150-03-00
3
I56-597-03R
DETECTOR
POWER LOOP
(+)
(–)
ALARM
INITIATION LOOP
FCI
CONTROL PANEL
ALARM RELAY
AUXILIARY CONTACTS
N.O.
12
N.C.
13
C.
14
(2.8 VDC)
(+)
(—)
1
4
ALARM
RELAY
REMOTE
ANNUNCIATOR
OUTPUT
(+IN) 2
3 (+OUT)
SPORTING
SPRING
5
(–IN, –OUT)
(IN)
10
(OUT)
11
ALARM RELAY
8
(IN)
9
(OUT)
FIRST DETECTOR IN LOOP
ALARM RELAY
AUXILIARY CONTACTS
N.O.
12
N.C.
13
C.
14
(2.8 VDC)
(+)
(—)
1
4
ALARM
RELAY
REMOTE
ANNUNCIATOR
OUTPUT
(+IN) 2
3 (+OUT)
SPORTING
SPRING
5
(–IN, –OUT)
(IN)
10
(OUT)
11
ALARM RELAY
8
(IN)
9
(OUT)
FIRST DETECTOR IN LOOP
EOL
RESISTOR
EOL RELAY
(+)
(–)
NOTE: Schematic
Shown for
Reference
1
2
3
4
5
8 9
10
11
12
13
14
REMOTE
ANNUNCIATOR
RELEASING
DEVICE
(OPTIONAL)
1
2
3
4
5
8 9
10
11
12
13
14
REMOTE
ANNUNCIATOR
POWER LOOP
+
POWER LOOP —
ALARM CIRCUIT
RELEASING
DEVICE
(OPTIONAL)
EOL RELAY
+
+
+
Figure 2. Typical wiring diagram:
Figure 3A. Activating the tamper-resistance feature:
PLASTIC LEVER
BREAK TAB AT
DOTTED LINE BY
TWISTING TOWARD
CENTER OF BASE.
USE SMALL-BLADED
SCREWDRIVER TO
PUSH PLASTIC LEVER
IN DIRECTION OF
ARROW.
Figure 3B. Removing detector head from base:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com