Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT161M Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT161M
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT161M Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74ACT161M Datasheet HTML 4Page - Texas Instruments CD74ACT161M Datasheet HTML 5Page - Texas Instruments CD74ACT161M Datasheet HTML 6Page - Texas Instruments CD74ACT161M Datasheet HTML 7Page - Texas Instruments CD74ACT161M Datasheet HTML 8Page - Texas Instruments CD74ACT161M Datasheet HTML 9Page - Texas Instruments CD74ACT161M Datasheet HTML 10Page - Texas Instruments CD74ACT161M Datasheet HTML 11Page - Texas Instruments CD74ACT161M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CD54ACT161, CD74ACT161
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS298B – APRIL 2000 – REVISED MARCH 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions, CL = 50 pF (unless otherwise
noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
80
91
MHz
CLK
RCO
4.2
16.7
4.3
15.2
CLK
Any Q
4.1
16.5
4.2
15
tpd
ENT
RCO
2.7
10.8
2.8
9.8
ns
CLR
Any Q
4.1
16.5
4.2
15
CLR
RCO
4.1
16.5
4.2
15
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
66
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com