Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT245M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74FCT245M
Description  BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT245M Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT245M Datasheet HTML 1Page - Texas Instruments CD74FCT245M Datasheet HTML 2Page - Texas Instruments CD74FCT245M Datasheet HTML 3Page - Texas Instruments CD74FCT245M Datasheet HTML 4Page - Texas Instruments CD74FCT245M Datasheet HTML 5Page - Texas Instruments CD74FCT245M Datasheet HTML 6Page - Texas Instruments CD74FCT245M Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS271A
Features
• Buffered Inputs
• Typical Propagation Delay: 5.0ns at VCC = 5V,
TA = 25
oC
• Noninverting
• SCR Latchup Resistant BiCMOS Process and
Circuit Design
• Speed of Bipolar FAST™/AS/S
• 64mA Output Sink Current (74 Series)
• 48mA Output Sink Current (54 Series)
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Description
The CD54/74FCT245 octal bus transceiver uses a small
geometry BiCMOS technology. The output stage is a combi-
nation of bipolar and CMOS transistors that limits the output
HIGH level to two diode drops below VCC. This resultant
lowering of output swing (0V to 3.7V) reduces power bus
ringing (a source of EMI) and minimizes VCC bounce and
ground bounce and their effects during simultaneous output
switching. The output configuration also enhances switching
speed and is capable of sinking 48mA to 64mA.
The CD54/74FCT245 is a noninverting, three-state, bidirec-
tional transceiver/buffer intended for two-way transmission
from”A” bus to “B” bus or “B” bus to “A” bus. The logic level
present on the Direction Input (DIR) determines the data direc-
tion. When the Output Enable input is HIGH, the outputs are in
the high impedance state.
Pinout
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT245E
0 to 70
20 Ld PDIP
E20.3
CD74FCT245M
0 to 70
20 Ld SOIC
M20.3
CD54FCT245E
-55 to 125
20 Ld PDIP
E20.3
NOTE: When ordering the suffix M and SM packages, use the entire
part number. Add the suffix 96 to obtain the variant in the tape and reel.
CD54FCT245, CD74FCT245
(PDIP, SOIC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DIR
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
B0
B1
B2
B3
B4
B5
B6
B7
OE
January 1997 - Revised October 1999
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© 1999, Texas Instruments Incorporated
CD54FCT245,
CD74FCT245
BiCMOS FCT Interface Logic,
Octal-Bus Tranceivers, Three-State


Similar Part No. - CD74FCT245M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT245M TI1-CD74FCT245M Datasheet
1Mb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT245M TI2-CD74FCT245M Datasheet
608Kb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2000
CD74FCT245M96 TI1-CD74FCT245M96 Datasheet
1Mb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT245M96 TI2-CD74FCT245M96 Datasheet
608Kb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2000
CD74FCT245M96.A TI2-CD74FCT245M96.A Datasheet
608Kb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JULY 2000
More results

Similar Description - CD74FCT245M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD5474FCT373 TI-CD5474FCT373 Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD74FCT374 TI-CD74FCT374 Datasheet
34Kb / 8P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flop, Three-State
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT564 TI-CD74FCT564 Datasheet
29Kb / 5P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD74FCT861A TI1-CD74FCT861A Datasheet
101Kb / 10P
BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com