Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT161EE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74ACT161EE4
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT161EE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74ACT161EE4 Datasheet HTML 3Page - Texas Instruments CD74ACT161EE4 Datasheet HTML 4Page - Texas Instruments CD74ACT161EE4 Datasheet HTML 5Page - Texas Instruments CD74ACT161EE4 Datasheet HTML 6Page - Texas Instruments CD74ACT161EE4 Datasheet HTML 7Page - Texas Instruments CD74ACT161EE4 Datasheet HTML 8Page - Texas Instruments CD74ACT161EE4 Datasheet HTML 9Page - Texas Instruments CD74ACT161EE4 Datasheet HTML 10Page - Texas Instruments CD74ACT161EE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CD54ACT161, CD74ACT161
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS298B – APRIL 2000 – REVISED MARCH 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.5 V
4.4
4.4
4.4
VOH
VI =VIH or VIL
IOH = –24 mA
4.5 V
3.94
3.7
3.8
V
VOH
VI = VIH or VIL
IOH = –50 mA†
5.5 V
–
3.85
–
V
IOH = –75 mA†
5.5 V
3.85
IOL = 50 µA
4.5 V
0.1
0.1
0.1
VOL
VI =VIH or VIL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
VOL
VI = VIH or VIL
IOL = 50 mA†
5.5 V
–
1.65
–
V
IOL = 75 mA†
5.5 V
–
–
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
µA
DICC‡
VI = VCC – 2.1 V
4.5 V to
5.5 V
2.4
3
2.8
mA
Ci
10
10
10
pF
† Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage to minimize
power dissipation. Test verifies a minimum 50-
Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125°C.
‡ Additional quiescent supply current per input pin, TTL inputs high, 1 unit load
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD
A, B, C, or D
0.13
CLK
1
CLR, ENT
0.83
LOAD
0.67
ENP
0.5
Unit Load is
∆ICC limit specified in electrical
characteristics table (e.g., 2.4 mA at 25
°C).
timing requirements over recommended operating conditions (unless otherwise noted)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
80
91
MHz
t
Pulse duration
CLK high or low
6.2
5.4
ns
tw
Pulse duration
CLR low
6
5.3
ns
t
Setup time before CLK
↑
A, B, C, or D
5
4.4
ns
tsu
Setup time, before CLK
↑
LOAD
6
5.3
ns
th
Hold time after CLK
↑
A, B, C, or D
0
0
ns
th
Hold time, after CLK
↑
ENP or ENT
0
0
ns
trec
Recovery time, CLR
↑ before CLK↑
6
5.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com