Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP27012S/ES Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MHP27012S/ES
Description  MHP27005S
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHP27012S/ES Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MHP27012S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
description
The MHP270 Series™ DC/DC converters provide up to 65 watts
of output power over the full –55°C to 100°C temperature range.
MHP270 models operate from a MIL-STD-704 nominal 270-volt
DC power bus – from 160 to 400 VDC continuous operation
with surges to 450 volts – and provide isolated outputs at 5, 12,
15, and 28 VDC. Parallel operation for all loading conditions is
supported without any requirement for external components.
The converters are available with standard screening or “ES”
screening
MHP270 DC/DC converters are constant frequency, pulse width
modulated switching power supplies which use a quasi-square
wave, two-switch single-ended forward converter design. Tight
load regulation is achieved through a wide-bandwidth magnetic
feedback circuit.
Up to five single output MHP270 converters may be used in
parallel to power a single load by simply connecting the share
pins of all units. Units in this configuration have an 85% current
sharing accuracy over 35% load to full load conditions.
MHP270 Series of converters feature a flexible synchronization
scheme in which units may be synchronized to an external clock
or to one another by using sync in and sync out pins provided
on each unit. MHP270 converters have a nominal switching
frequency of 525 kHz, but may be synchronized at any frequency
from 475 to 575 kHz.
MHP270 converters meet a wide variety of military/aerospace
performance and environmental specifications. Their continuous
operation input voltage (160 to 400) meets the normal operating
limits of MIL-STD-704. The unit shuts down above approximately
425 volts, but it is rated to withstand a surge of up to 450 volts
for 50 msec. The units are built as fully hermetic thick film hybrids
in our MIL-PRF-38534 certified facilities.
Features
Undervoltage lock-out – shuts down when the input line voltage
falls below approximately 120 VDC to provide smooth initializa-
tion.
Continuous short circuit protection – current limit set at approxi-
mately 125%.
Soft-start – controlled start-up at turn-on, release from inhibit and
recovery from load fault conditions.
Remote sense – to provide automatic compensation for voltage
drops on output lines on single output models.
VDC
MoDELS
VDC Output
single
5
12
15
28
Dual
±5
±12
±15
Features
parallel operation with current share,
up to 5 units (276 watts)
operating range -55° to +100°C
•
Input voltage 160 to 400 VDC
•
Transient protection 450 V for 50 ms
•
Fully isolated, magnetic feedback
•
Fixed high frequency switching
•
Remote sense on single models
•
Inhibit primary side and secondary side
•
Sync In and Sync out
•
Indefinite short circuit protection
•
High power density, up to 85% efficiency
•
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 10
270 Volt input – 65 Watt
Rev F - 20090304


Similar Part No. - MHP27012S/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHP27012S/ES INTERPOINT-MHP27012S/ES Datasheet
1Mb / 7P
DC/DC CONVERTERS 270 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com