Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP27015S/ES Datasheet(PDF) 10 Page - Crane Aerospace & Electronics.

Part # MHP27015S/ES
Description  MHP27005S
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHP27015S/ES Datasheet(HTML) 10 Page - Crane Aerospace & Electronics.

Back Button MHP27015S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MHP270 (Standard and /ES, non-QML) ProductS
EnvironMEntaL ScrEEning
test perFOrmed
mhp270 standard
nOn-Qml1
mhp270 /es
nOn-Qml1
Pre-cap Inspection
Method 2017, 2032
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. B, -55°C to 125°C, ambient
no
yes
Constant Acceleration
Method 2001, 500 g
no
yes
Burn-in
Method 1015, 100°C case, typical
96 hours
no
yes
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
yes
yes
Hermeticity Test
Fine Leak, Method 1014, Cond. A
Gross Leak, Method 1014, Cond. C
Gross Leak, Dip (1 x 10-3)
no
no
yes
yes
yes
no
Final visual inspection
Method 2009
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Standard and /ES, non-QML products, do not meet all of the requirements of MIL-PRF-38534.
MHP270 Single and Dual, Rev F - 20090304. This revision supersedes all previous releases. All technical information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice.
MHP270 Series is a trademark of Interpoint. Copyright © 1999 - 2009 Interpoint Corporation. All rights reserved. www.interpoint.com
Page 10 of 10
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com