Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT161ME4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT161ME4
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT161ME4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74ACT161ME4 Datasheet HTML 5Page - Texas Instruments CD74ACT161ME4 Datasheet HTML 6Page - Texas Instruments CD74ACT161ME4 Datasheet HTML 7Page - Texas Instruments CD74ACT161ME4 Datasheet HTML 8Page - Texas Instruments CD74ACT161ME4 Datasheet HTML 9Page - Texas Instruments CD74ACT161ME4 Datasheet HTML 10Page - Texas Instruments CD74ACT161ME4 Datasheet HTML 11Page - Texas Instruments CD74ACT161ME4 Datasheet HTML 12Page - Texas Instruments CD74ACT161ME4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CD54ACT161, CD74ACT161
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS298B – APRIL 2000 – REVISED MARCH 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
th
tsu
1.5 V
1.5 V
1.5 V
10%
10%
90%
90%
3 V
3 V
0 V
0 V
tr
tf
Reference
Input
Data
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
1.5 V
50% VCC
50%
10%
10%
90%
90%
3 V
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
1.5 V
tPLH
tPHL
50% VCC
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
Phase relationships between waveforms are arbitrary.
D. For clock inputs, fmax is measured with the input duty cycle at 50%.
E. The outputs are measured one at a time with one input transition per measurement.
F. tPLH and tPHL are the same as tpd.
G. tPZL and tPZH are the same as ten.
H. tPLZ and tPHZ are the same as tdis.
I. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
R1 = 500
Ω
Open
GND
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
1.5 V
1.5 V
3 V
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
Output
Control
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VOLTAGE WAVEFORMS
OUTPUT ENABLE AND DISABLE TIMES
1.5 V
1.5 V
VOH – 0.3 V
3 V
R2 = 500
Ω
NOTE: When VCC = 1.5 V, R1 and R2 = 1 kΩ.
VOLTAGE WAVEFORMS
RECOVERY TIME
1.5 V
3 V
0 V
CLR
Input
CLK
1.5 V
3 V
trec
0 V
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com