Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP250-50PLB Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP250-50PLB
Description  220/250 Watts 1U ATX12V Switching Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP250-50PLB Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP250-50PLB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Output Characteristics
Maximum Load
Peak Load
Output
Voltage
Minimum
Load
250W (25°C)
220W (50°C)
250W (25°C)
220W (50°C)
Load
Reg.
Line
Reg.
Ripple &
Noise
+3.3V
0.3A
18.0A
14.0A
± 5%
± 1%
50mV P-P
+5V
0.3A
20.0A
18.0A
± 5%
± 1%
50mV P-P
+12V
1.0A
16.0A
14.0A
18.0A
16.0A
± 5%
± 1%
120mV P-P
-12V
0.0A
0.5A
0.5A
± 5%
± 1%
120mV P-P
+5Vsb
0.0A
2.0 A
2A
2.5A
2.5A
± 5%
± 1%
50mV P-P
250W (25°C): +5V and +3.3V total output not exceed 115W.
+3.3V, +5V, and +12V total output cannot exceed 236.4W .
220W (50°C): +5V and +3.3V total output not exceed 110W.
+3.3V, +5V, and +12V total output cannot exceed 206.4W.
Input Characteristics
Input Range: 90~265V AC, Full Range Input
Frequency: 47~63Hz
Input Current: 5A (RMS) @115V AC, 3A (RMS) @230V AC
Inrush Current: 50A Max for 115V AC, 80A Max for 230V
AC Cold start
Specification
•
•
•
•
•
•
•
•
•
•
Temperature Range: Operating 0° C ~ +25° C on 250W
output load or 0° C ~ +50° C on 220W output load ;
storage & shipping -20° C ~ +80° C
Humidity: 5~95% on operating and storage
Dielectric Withstand: Input to frame ground 1800V AC
for 1 second
Efficiency: 68% at minimum measured at nominal AC
main voltage and frequency with maximum load on all
output
Rise Time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ms to 500
ms, off delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Not exceed 3.5mA at 264VAC, 50Hz
MTBF: 100,000 hours on maximum load at +25° C degree
Dimension (WxHxL): 100x40.5x190mm/3.9”x1.6”x7.5”
inches
Features
•
•
•
•
•
•
•
•
•
•
•
•
Complied with ATX and ATX12V standard
Active Power Factor Correction Meeting with EN61000-3-2
High efficiency and reliability
Remote On/Off function
Internal 12V DC fan included
Noise Killer (Thermal fan speed control function)
Low noise and ripple
Complies with FCC part 15 subpart J Class B and CISPR 22
Class B
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Approved by UL 60950, CSA C22.2 No.60950, TUV
EN60950, NEMKO (CB Report), CE
Sparkle Power Inc.
A Leading Power Supply manufacturer
Web site: www.sparklepower.com
FSP250-50PLB(1U)
220/250 Watts 1U ATX12V Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Sparkle Power Inc.
Colorado Office
1316 Indian Paintbrush Lane
Longmont, CO 80503
TEL: 303-776-3281
FAX: 303-776-7645


Similar Part No. - FSP250-50PLB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP250-50PLB SPI-FSP250-50PLB Datasheet
152Kb / 1P
220/250 Watts Flex ATX12V, 1U High Switching Power Supply
FSP250-50PLB1U SPI-FSP250-50PLB1U Datasheet
369Kb / 2P
220/250 Watts, 1U Switching Power Supply
More results

Similar Description - FSP250-50PLB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
ATX-250GU SPI-ATX-250GU Datasheet
230Kb / 2P
250 Watts ATX12V Switching Power Supply
FSP250-50PLB SPI-FSP250-50PLB Datasheet
152Kb / 1P
220/250 Watts Flex ATX12V, 1U High Switching Power Supply
FSP250-50PLB1U SPI-FSP250-50PLB1U Datasheet
369Kb / 2P
220/250 Watts, 1U Switching Power Supply
FSP250-60ATV SPI-FSP250-60ATV Datasheet
76Kb / 1P
250 Watts ATX12V Switching Power Supply
FSP250-601U SPI-FSP250-601U Datasheet
351Kb / 2P
250 Watts,ATX12V, 1U Switching Power Supply
FSP250-601UD SPI-FSP250-601UD Datasheet
403Kb / 2P
250 Watts ATX12V 1U Switching Power Supply
SPI2501UH SPI-SPI2501UH Datasheet
299Kb / 1P
250 Watts ATX12V 1U Switching Power Supply
SPI250U4BM8 SPI-SPI250U4BM8 Datasheet
58Kb / 1P
250 Watts ATX12V 1U Medical Grade Power Supply
FSP250-50LC1U SPI-FSP250-50LC1U Datasheet
150Kb / 1P
250 Watts ATX12V, 1U Switching Power Supply
FSP250-70MU SPI-FSP250-70MU Datasheet
104Kb / 1P
250 Watts ATX12V 1U Medical Grade Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com