Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC174 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC174
Description  Hex D Flip-Flop with Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC174 Datasheet(HTML) 5 Page - Texas Instruments

  CD74AC174 Datasheet HTML 1Page - Texas Instruments CD74AC174 Datasheet HTML 2Page - Texas Instruments CD74AC174 Datasheet HTML 3Page - Texas Instruments CD74AC174 Datasheet HTML 4Page - Texas Instruments CD74AC174 Datasheet HTML 5Page - Texas Instruments CD74AC174 Datasheet HTML 6Page - Texas Instruments CD74AC174 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
AC TYPES
Data to CP Set-Up Time
tSU
1.5
2
-
2
-
ns
3.3
(Note 9)
2-2-
ns
5
(Note 10)
2-2-
ns
Hold Time
tH
1.5
33
-
38
-
ns
3.3
3.7
-
4.2
-
ns
5
2.6
-
3
-
ns
Removal Time, MR to CP
tREM
1.5
1.5
-
1.5
-
ns
3.3
1.5
-
1.5
-
ns
5
1.5
-
1.5
-
ns
MR Pulse Width
tW
1.5
44
-
50
-
ns
3.3
4.9
-
5.6
-
ns
5
3.5
-
4
-
ns
CP Pulse Width
tW
1.5
57
-
65
-
ns
3.3
6.4
-
7.3
-
ns
5
4.6
-
5.2
-
ns
CP Frequency
fMAX
1.5
9
-
8
-
MHz
3.3
77
-
68
-
MHz
5
108
-
95
-
MHz
ACT TYPES
Data to CP Set-Up Time
tSU
5
(Note 10)
2-2-
ns
Hold Time
tH
5
2.2
-
2.5
-
ns
Removal Time, MR to CP
tREM
5
1.5
-
1.5
-
ns
MR Pulse Width
tW
5
3.5
-
4
-
ns
Clock Pulse Width
tW
5
5.4
-
6.2
-
ns
CP Frequency
fMAX
5
91
-
80
-
MHz
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay, CP to Qn
tPLH, tPHL
1.5
-
-
154
-
-
169
ns
3.3
(Note 9)
4.9
-
17.2
4.7
-
18.9
ns
5
(Note 10)
3.5
-
12.3
3.4
-
13.5
ns
CD74AC174, CD54/74ACT174



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com