Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2124TS Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 2124TS
Description  Photoelectronic Smoke Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2124TS Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  2124TS Datasheet HTML 1Page - Systemsensor advanced ideas. 2124TS Datasheet HTML 2Page - Systemsensor advanced ideas. 2124TS Datasheet HTML 3Page - Systemsensor advanced ideas. 2124TS Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D200-62-00
1
I56-932-12R
2112/24S and 2112/24TS
Photoelectronic Smoke Detectors
INSTALLATION AND MAINTENANCE INSTRUCTIONS
3825 Ohio Avenue, St. Charles, Illinois 60174
1-800-SENSOR2, FAX: 630-377-6495
Before Installing
Please thoroughly read the System Sensor manual I56-407,
Guide for Proper Use of System Smoke Detectors, which pro-
vides detailed information on detector spacing, placement,
zoning, wiring, and special applications. Copies of this
manual are available at no charge from System Sensor.
NOTICE: This manual shall be left with the owner/user of
this equipment.
IMPORTANT: This detector must be tested and maintained
following NFPA 72 requirements. The detector should be
cleaned at least once a year.
General Description
Model 2112/24S is a 4-wire photoelectronic smoke detector
that uses a state-of-the-art optical sensing chamber. This
detector is designed to provide open area protection. Model
2112/24TS features a restorable, built-in, fixed-temperature
(135° F) thermal detector.
Specifications
Diameter:
5.5 inches (140 mm)
Height (including mounting bracket):
1.9 inches (48 mm)
Weight:
5.3 oz. (150 g)
Operating Temperature Range
Model 2112/24S:
32° to 120° F (0° to 50° C)
Model 2112/24TS:
32° to 100° F (0° to 38° C)
Operating Humidity Range:
10% to 93% Relative Humidity, Noncondensing
Latching Alarm:
Reset by momentary power interruption
Heat Sensor (2112/24TS only):
135° F Fixed Temperature Electronic Thermistor
Electrical Ratings
System Voltage (nominal):
12 or 24 VDC
Minimum:
8.5 VDC
Maximum:
35 VDC
Maximum Ripple Voltage:
30% of nom. Voltage (peak to peak)
Standby Current:
50 µA maximum
Alarm Current:
17 mA typical, 23 mA max. at 12V
19 mA typical, 25 mA max. at 24V
Reset Voltage:
0.8 VDC minimum
Reset Time:
0.3 seconds maximum
Start-up Time:
30 seconds maximum (after 60 sec. reset)
EOL Relay:
A77-716B, 12/24 Volt
Alarm Initiation Contact Ratings
Resistive or Inductive Load (60% power factor)
Form A:
0.5A @ 30 VAC/DC
Installation of these detectors is simplified by the use of a
mounting bracket and a plug-in screw terminal block that
can be prewired to the system, allowing the detector to be
easily installed or removed for cleaning. The detector’s sen-
sitivity can be tested in place using the MOD400R Test
Module.
An LED on the detector provides a local visual indication of
the detector’s status. If power is applied to the detector, and
it is functioning normally in standby mode within the listed
sensitivity ranges, the status LED blinks once every ten sec-
onds. The LED also provides a visual indication that main-
tenance is required. If the LED stops blinking, the detector
is either not powered, out of the listed sensitivity range,
and/or unable to function properly. The test switch will not
operate if the detector is below the insensitive limit. The
LED will also latch on when the detector is in alarm.


Similar Part No. - 2124TS

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124 KR-2124 Datasheet
28Kb / 1P
Lowpass Filter
logo
List of Unclassifed Man...
2124 ETC2-2124 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2124 ETC2-2124 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Heyco.
2124 HEYCO-2124 Datasheet
133Kb / 1P
Snap Bushings
logo
Keystone Electronics Co...
2124 KEYSTONE-2124 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results

Similar Description - 2124TS

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
Photoelectronic Smoke Detector
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
SMOKE DETECTORS
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
SMOKE DETECTORS
2400AT SYSTEMSENSOR-2400AT Datasheet
196Kb / 4P
Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2412AT SYSTEMSENSOR-2412AT Datasheet
195Kb / 4P
Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
Photoelectronic Smoke Detectors
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
Smoke Detectors
logo
Gamewell-FCI by Honeywe...
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
Analog, Addressable Photoelectronic Smoke Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com