Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT139 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT139
Description  Dual 2-to-4-Line Decoder/Demultiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT139 Datasheet(HTML) 5 Page - Texas Instruments

  74ACT139 Datasheet HTML 1Page - Texas Instruments 74ACT139 Datasheet HTML 2Page - Texas Instruments 74ACT139 Datasheet HTML 3Page - Texas Instruments 74ACT139 Datasheet HTML 4Page - Texas Instruments 74ACT139 Datasheet HTML 5Page - Texas Instruments 74ACT139 Datasheet HTML 6Page - Texas Instruments 74ACT139 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay, A0, A1 to
Outputs
tPLH, tPHL
1.5
-
-
119
-
-
131
ns
3.3
(Note 9)
3.9
-
13.4
3.7
-
14.7
ns
5
(Note 10)
2.8
-
9.5
2.6
-
10.5
ns
Propagation Delay,
E to Outputs
tPLH, tPHL
1.5
-
-
119
-
-
131
ns
3.1
3.9
-
13.4
3.7
-
14.7
ns
5
2.8
-
9.5
2.6
-
10.5
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
83
-
-
83
-
pF
ACT TYPES
Propagation Delay, A0, A1 to
Outputs
tPLH, tPHL
5
(Note 10)
3.1
-
10.5
2.9
-
11.5
ns
Propagation Delay,
E to Outputs
tPLH, tPHL
5
3.2
-
10.9
3
-
12
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
83
-
-
83
-
pF
NOTES:
8. Limits tested at 100%.
9. 3.3V Min at 3.6V, Max at 3V.
10. 5V Min at 5.5V, Max at 4.5V.
11. CPD is used to determine the dynamic power consumption per decoder/demultiplexer.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
FIGURE 1.
FIGURE 2.
tr = 3ns
90%
tf = 3ns
VS
10%
tPHL
VS
INPUT E
tPLH
INPUT Y3
INPUT
GND
LEVEL
INPUT
LEVEL
A1
GND
OUTPUT Y3
3ns
3ns
90%
10%
VS
tPHL
tPLH
VS
CD74AC139, CD74ACT139



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com