Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC05M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC05M
Description  Hex Inverters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC05M Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC05M Datasheet HTML 1Page - Texas Instruments CD74AC05M Datasheet HTML 2Page - Texas Instruments CD74AC05M Datasheet HTML 3Page - Texas Instruments CD74AC05M Datasheet HTML 4Page - Texas Instruments CD74AC05M Datasheet HTML 5Page - Texas Instruments CD74AC05M Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS225
Features
• CD74AC04, CD74ACT04 . . . . . . . . . . . . Active Outputs
• CD74AC05, CD74ACT05 . . . . . . . . Open-Drain Outputs
• Buffered Inputs
• Typical Propagation Delay
- 3.5ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC04, CD74ACT04, CD74AC05 and CD74ACT05
are hex inverters that utilize the Harris Advanced CMOS
Logic technology.
Pinout
CD74AC04, CD74ACT04, CD74AC05, CD74ACT05
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74AC04E
-55 to 125
14 Ld PDIP
E14.3
CD74ACT04E
-55 to 125
14 Ld PDIP
E14.3
CD74AC05E
-55 to 125
14 Ld PDIP
E14.3
CD74ACT05E
-55 to 125
14 Ld PDIP
E14.3
CD74AC04M
-55 to 125
14 Ld SOIC
M14.15
CD74ACT04M
-55 to 125
14 Ld SOIC
M14.15
CD74AC05M
-55 to 125
14 Ld SOIC
M14.15
CD74ACT05M
-55 to 125
14 Ld SOIC
M14.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TRUTH TABLE
CD74AC/ACT04
CD74AC/ACT05
INPUT
OUTPUT
INPUT
OUTPUT
LHL
Z
HLHL
Z = High Impedance
1A
2A
3A
4A
5A
6A
1
3
5
9
11
13
2
4
6
8
1Y
4Y
6Y
GND = 7
VCC = 14
5Y
3Y
2Y
10
12
September 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1998
CD74AC04, CD74ACT04,
CD74AC05, CD74ACT05
Hex Inverters
File Number
1945.1
[ /Title
(CD74
AC04,
CD74
ACT04
,
CD74
AC05,
CD74
ACT05
)
/Sub-
ject
(Hex
Invert-
ers)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-
ductor,
Advan


Similar Part No. - CD74AC05M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC05M TI-CD74AC05M Datasheet
69Kb / 5P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M TI-CD74AC05M Datasheet
849Kb / 13P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M TI-CD74AC05M Datasheet
2Mb / 31P
CDx4AC05 Hex Inverters With Open-Drain Outputs
NOVEMBER 2024
CD74AC05M TI2-CD74AC05M Datasheet
1Mb / 31P
CDx4AC05 Hex Inverters With Open-Drain Outputs
REVISED NOVEMBER 2024
CD74AC05M96 TI-CD74AC05M96 Datasheet
69Kb / 5P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - CD74AC05M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com