Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC74 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC74
Description  Dual D-Type Flip-Flop with Set and Reset Positive-Edge-Triggered
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC74 Datasheet(HTML) 5 Page - Texas Instruments

  CD74AC74 Datasheet HTML 1Page - Texas Instruments CD74AC74 Datasheet HTML 2Page - Texas Instruments CD74AC74 Datasheet HTML 3Page - Texas Instruments CD74AC74 Datasheet HTML 4Page - Texas Instruments CD74AC74 Datasheet HTML 5Page - Texas Instruments CD74AC74 Datasheet HTML 6Page - Texas Instruments CD74AC74 Datasheet HTML 7Page - Texas Instruments CD74AC74 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
AC TYPES
Data to CP Setup Time
tSU
1.5
39
-
44
-
ns
3.3 (Note 11)
4.3
-
4.9
-
ns
5 (Note 12)
3.1
-
3.5
-
ns
Hold Time
tH
1.5
0
-
0
-
ns
3.3
0
-
0
-
ns
50
-
0
-
ns
Removal Time, R, S to CP
tREM
1.5
30
-
34
-
ns
3.3
4.1
-
4.7
-
ns
5
2.4
-
2.7
-
ns
Pulse Width, R, StW
1.5
44
-
50
-
ns
3.3
4.9
-
5.6
-
ns
5
3.5
-
4
-
ns
Pulse Width, CP
tW
1.5
49
-
56
-
ns
3.3
5.5
-
6.3
-
ns
5
3.9
-
4.5
-
ns
CP Frequency
fMAX
1.5
10
-
9
-
MHz
3.3
90
-
79
-
MHz
5
125
-
110
-
MHz
ACT TYPES
Data to CP Setup Time
tSU
5 (Note 12)
3.5
-
4
-
ns
Hold Time
tH
50
-
0
-
ns
Removal Time, R, S to CP
tREM
5
2.4
-
2.7
-
ns
Pulse Width, R, StW
5
4.4
-
5
-
ns
Pulse Width, CP
tW
5
5
-
5.7
-
ns
CP Frequency
fMAX
5
97
-
85
-
MHz
NOTES:
11. 3.3V Min at 3.6V.
12. 5V Min at 4.5V.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay, CP to Q, QtPLH, tPHL
1.5
-
-
114
-
-
125
ns
3.3
(Note 14)
3.6
-
12.7
3.5
-
14
ns
5
(Note 15)
2.6
-
9.1
2.5
-
10
ns
CD74AC74, CD74ACT74



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com