Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT253M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT253M
Description  Dual 4-Input Multiplexer, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT253M Datasheet(HTML) 6 Page - Texas Instruments

  CD74ACT253M Datasheet HTML 1Page - Texas Instruments CD74ACT253M Datasheet HTML 2Page - Texas Instruments CD74ACT253M Datasheet HTML 3Page - Texas Instruments CD74ACT253M Datasheet HTML 4Page - Texas Instruments CD74ACT253M Datasheet HTML 5Page - Texas Instruments CD74ACT253M Datasheet HTML 6Page - Texas Instruments CD74ACT253M Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 1. THREE-STATE PROPAGATION DELAY WAVEFORMS AND TEST CIRCUIT
FIGURE 2. PROPAGATION DELAY TIMES
DUT
WITH
THREE-
STATE
OUTPUT
INPUT LEVEL
90%
VS
10%
GND
tf = 3ns
tPZL
tPZH
tPLZ
tPHZ
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUT: LOW
TO OFF TO LOW
OUTPUT: HIGH
TO OFF TO HIGH
OTHER
INPUTS
(TIED HIGH
OR LOW)
OUTPUT
DISABLE
CL
50pF
500
Ω†
RL
500
Ω†
RL
OUT
VS
0.2VCC
VOL (≠ GND)
VOH (≠ VCC)
0.8 VCC
VS
GND (tPHZ, tPZH)
OUTPUTS
ENABLED
OPEN (tPHL, tPLH)
2 VCC (tPLZ, tPZL)
(OPEN DRAIN)
tr = 3ns
OUTPUT
DISABLE
†FOR AC SERIES ONLY: WHEN VCC = 1.5V, RL = 1kΩ
tr = 3ns
tf = 3ns
I OR S
INPUT
OUTPUT Y
tPLH
tPHL
90%
VS
10%
VS
LEVEL
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 3. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD74AC253, CD54/74ACT253



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com