Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT646 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74FCT646
Description  BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT646 Datasheet(HTML) 7 Page - Texas Instruments

  CD74FCT646 Datasheet HTML 1Page - Texas Instruments CD74FCT646 Datasheet HTML 2Page - Texas Instruments CD74FCT646 Datasheet HTML 3Page - Texas Instruments CD74FCT646 Datasheet HTML 4Page - Texas Instruments CD74FCT646 Datasheet HTML 5Page - Texas Instruments CD74FCT646 Datasheet HTML 6Page - Texas Instruments CD74FCT646 Datasheet HTML 7Page - Texas Instruments CD74FCT646 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8-73
NOTES:
11. VOLP is measured with respect to a ground reference near the output under test. VOHV is measured with respect to VOH.
12. Input pulses have the following characteristics:
PRR ≤ 1MHz, tr = 2.5ns, tf = 2.5ns, skew 1ns.
13. R.F. fixture with 700MHz design rules required. IC should be soldered into test board and bypassed with 0.1
µF capacitor. Scope and
probes require 700MHz bandwidth.
FIGURE 6. SIMULTANEOUS SWITCHING TRANSIENT WAVEFORMS
Test Circuits and Waveforms (Continued)
OTHER
OUTPUTS
OUTPUT
UNDER
TEST
VOH
VOL
VOH
VOHV
VOLP
VOL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com