| Electronic Components Datasheet Search |
|
CD74HC137 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74HC137 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 10 page ![]() 2 Description The Harris CD74HC137, CD74HC237 and CD74HCT137, CD74HCT237 are high speed silicon gate CMOS decoders well suited to memory address decoding or data routing applications. Both circuits feature low power consumption usually associated with CMOS circuitry, yet have speeds comparable to low power Schottky TTL logic. Both circuits have three binary select inputs (A0, A1 and A2) that can be latched by an active High Latch Enable (LE) sig- nal to isolate the outputs from select-input changes. A “Low” LE makes the output transparent to the input and the circuit functions as a one-of-eight decoder. Two Output Enable inputs (OE1 and OE0) are provided to simplify cascading and to facilitate demultiplexing. The demultiplexing function is accomplished by using the A0,A1,A2 inputs to select the desired output and using one of the other Output Enable inputs as the data input while holding the other Output Enable input in its active state. In the CD74HC137 and CD74HCT137 the selected output is a “Low”; in the CD74HC237 and CD74HCT237 the selected output is a “High”. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE PKG. NO. CD74HC137E -55 to 125 16 Ld PDIP E16.3 CD74HCT137E -55 to 125 16 Ld PDIP E16.3 CD74HC237E -55 to 125 16 Ld PDIP E16.3 CD74HC237M -55 to 125 16 Ld SOIC M16.15 CD74HCT237E -55 to 125 16 Ld PDIP E16.3 NOTES: 1. When ordering, use the entire part number. Add the suffix 96 to obtain the variant in the tape and reel. 2. Wafer and die for this part number is available which meets all electrical specifications. Please contact your local sales office or Harris customer service for ordering information. CD74HC137, CD74HCT137, CD74HC237, CD74HCT237 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |