Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC14 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC14
Description  High Speed CMOS Logic Hex Inverting Schmitt Trigger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC14 Datasheet(HTML) 6 Page - Texas Instruments

  CD74HC14 Datasheet HTML 1Page - Texas Instruments CD74HC14 Datasheet HTML 2Page - Texas Instruments CD74HC14 Datasheet HTML 3Page - Texas Instruments CD74HC14 Datasheet HTML 4Page - Texas Instruments CD74HC14 Datasheet HTML 5Page - Texas Instruments CD74HC14 Datasheet HTML 6Page - Texas Instruments CD74HC14 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
A to Y
tPLH, tPHL CL = 50pF
2
-
-
135
-
170
-
205
ns
CL = 50pF
4.5
-
-
27
-
34
-
41
ns
CL = 15pF
5
-
11
-
----
ns
CL = 50pF
6
-
-
23
-
29
-
35
ns
Output Transition Times
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
18
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 5, 6)
CPD
-
5
-
20
-
----
pF
HCT TYPES
Propagation Delay,
A to Y
tPLH, tPHL CL = 50pF
4.5
-
-
38
-
48
-
57
ns
CL = 15pF
5
-
16
-
----
ns
Output Transition Times
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 5, 6)
CPD
-
5
-
20
-
----
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per inverter.
6. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Test Circuits and Waveforms
FIGURE 4. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 5. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com