Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4052F Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4052F
Description  High Speed CMOS Logic Analog Multiplexers/Demultiplexers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4052F Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD54HC4052F Datasheet HTML 8Page - Texas Instruments CD54HC4052F Datasheet HTML 9Page - Texas Instruments CD54HC4052F Datasheet HTML 10Page - Texas Instruments CD54HC4052F Datasheet HTML 11Page - Texas Instruments CD54HC4052F Datasheet HTML 12Page - Texas Instruments CD54HC4052F Datasheet HTML 13Page - Texas Instruments CD54HC4052F Datasheet HTML 14Page - Texas Instruments CD54HC4052F Datasheet HTML 15Page - Texas Instruments CD54HC4052F Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
Test Circuits and Waveforms
FIGURE 3. FREQUENCY RESPONSE TEST CIRCUIT
FIGURE 4. CROSSTALK BETWEEN TWO SWITCHES TEST
CIRCUIT
FIGURE 5. SINEWAVE DISTORTION TEST CIRCUIT
FIGURE 6. CONTROL TO SWITCH FEEDTHROUGH NOISE
TEST CIRCUIT
FIGURE 7. SWITCH OFF SIGNAL FEEDTHROUGH
VIS
0.1
µF
VCC
50
Ω
VCC/2
10pF
VOS
SWITCH
ON
dB
METER
VIS
0.1
µF
VCC
VCC/2
C
VOS1
SWITCH
ON
R
R
fIS = 1MHz SINEWAVE
R = 50
Ω
C = 10pF
VCC
R
VCC/2
C
SWITCH
OFF
R
INPUT
VCC/2
VOS2
dB
METER
VIS
10
µF
VCC
10k
Ω
VCC/2
50pF
VOS
SWITCH
ON
DISTORTION
METER
SINE-
WAVE
VI = VIH
VIS
fIS = 1kHz TO 10kHz
VCC
600
Ω
VCC/2
50pF
SWITCH
ALTERNATING
SCOPE
VOS
600
Ω
VCC/2
ON AND OFF
tr, tf ≤ 6ns
fCONT = 1MHz
50% DUTY
CYCLE
VOS
VP-P
E
VIS
0.1
µF
VCC
R
VCC/2
C
VOS
SWITCH
OFF
dB
METER
R
VCC/2
VC = VIL
fIS ≥ 1MHz SINEWAVE
R = 50
Ω
C = 10pF
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com