Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC173 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC173
Description  High Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC173 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC173 Datasheet HTML 1Page - Texas Instruments CD74HC173 Datasheet HTML 2Page - Texas Instruments CD74HC173 Datasheet HTML 3Page - Texas Instruments CD74HC173 Datasheet HTML 4Page - Texas Instruments CD74HC173 Datasheet HTML 5Page - Texas Instruments CD74HC173 Datasheet HTML 6Page - Texas Instruments CD74HC173 Datasheet HTML 7Page - Texas Instruments CD74HC173 Datasheet HTML 8Page - Texas Instruments CD74HC173 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS158
Features
• Three-State Buffered Outputs
• Gated Input and Output Enables
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD74HC173, CD74HC173
(PDIP, SOIC)
TOP VIEW
Description
The Harris CD74HC173 and CD74HCT173 high speed
three-state quad D-type flip-flops are fabricated with silicon
gate CMOS technology. They possess the low power con-
sumption of standard CMOS Integrated circuits, and can
operate at speeds comparable to the equivalent low power
Schottky devices. The buffered outputs can drive 15 LSTTL
loads. The large output drive capability and three-state fea-
ture make these parts ideally suited for interfacing with bus
lines in bus oriented systems.
The four D-type flip-flops operate synchronously from a com-
mon clock. The outputs are in the three-state mode when
either of the two output disable pins are at the logic “1” level.
The input ENABLES allow the flip-flops to remain in their
present states without having to disrupt the clock If either of
the 2 input ENABLES are taken to a logic “1” level, the Q
outputs are fed back to the inputs, forcing the flip-flops to
remain in the same state. Reset is enabled by taking the
MASTER RESET (MR) input to a logic “1” level. The data
outputs change state on the positive going edge of the clock.
The CD74HCT173 logic family is functionally, as well as pin
compatible with the standard 74LS logic family
.
OE
OE2
Q0
Q1
Q2
Q3
GND
VCC
MR
D0
D1
D2
D3
E2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
E1
CP
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD74HC173E
-55 to 125
16 Ld PDIP
E16.3
CD74HCT173E
-55 to 125
16 Ld PDIP
E16.3
CD74HC173M
-55 to 125
16 Ld SOIC
M16.15
CD74HCT173M
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local sales office or
Harris customer service for ordering information.
February 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
CD74HC173,
CD74HCT173
High Speed CMOS Logic
Quad D-Type Flip-Flop, Three-State
File Number
1641.1
[ /Title
(CD74H
C173,
CD74H
CT173)
/Subject
(High
Speed
CMOS
Logic
Quad D-
Type


Similar Part No. - CD74HC173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC173 TI-CD74HC173 Datasheet
374Kb / 17P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD74HC173 TI-CD74HC173 Datasheet
520Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD74HC173 TI-CD74HC173 Datasheet
550Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD74HC173 TI2-CD74HC173 Datasheet
1Mb / 25P
CDx4HC173, CDx4HCT173 High-Speed CMOS Logic Quad D-Type Flip-Flop, Three- State
REVISED MARCH 2022
CD74HC173E TI-CD74HC173E Datasheet
374Kb / 17P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
More results

Similar Description - CD74HC173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC173 TI-CD54HC173 Datasheet
374Kb / 17P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC173 TI-CD54HC173_07 Datasheet
520Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC173 TI-CD54HC173_08 Datasheet
550Kb / 20P
High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com