Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC27 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC27
Description  High Speed CMOS Logic Triple 3-Input NOR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC27 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC27 Datasheet HTML 1Page - Texas Instruments CD74HC27 Datasheet HTML 2Page - Texas Instruments CD74HC27 Datasheet HTML 3Page - Texas Instruments CD74HC27 Datasheet HTML 4Page - Texas Instruments CD74HC27 Datasheet HTML 5Page - Texas Instruments CD74HC27 Datasheet HTML 6Page - Texas Instruments CD74HC27 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS132
Features
• Buffered Inputs
• Typical Propagation Delay: 7ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The Harris CD74HC27, CD74HCT27, logic gates utilize
silicon gate CMOS technology to achieve operating speeds
similar to LSTTL gates with the low power consumption of
standard CMOS integrated circuits. All devices have the
ability to drive 10 LSTTL loads. The 74HCT logic family is
functionally pin compatible with the standard 74LS logic
family.
Pinout
CD74HC27, CD74HCT27
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD74HC27E
-55 to 125
14 Ld PDIP
E14.3
CD74HCT27E
-55 to 125
14 Ld PDIP
E14.3
CD74HC27M
-55 to 125
14 Ld SOIC
M14.15
CD74HCT27M
-55 to 125
14 Ld SOIC
M14.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Die for this part number is available which meets all electrical
specifications. Please contact your local sales office or Harris
customer service for ordering information.
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
CD74HC27,
CD74HCT27
High Speed CMOS Logic
Triple 3-Input NOR Gate
File Number
1648.1
[ /Title
(CD74
HC27,
CD74
HCT27
)
/Sub-
ject
(High
Speed
CMOS
Logic


Similar Part No. - CD74HC27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC27 TI-CD74HC27 Datasheet
265Kb / 10P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
261Kb / 11P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC27 TI2-CD74HC27 Datasheet
1Mb / 26P
CDx4HC27 Triple 3-Input NOR Gates
REVISED APRIL 2021
CD74HC27 TI2-CD74HC27 Datasheet
1Mb / 24P
CDx4HC27 Triple 3-Input NOR Gates
REVISED APRIL 2021
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
More results

Similar Description - CD74HC27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD5474HC11 TI-CD5474HC11 Datasheet
33Kb / 6P
High Speed CMOS Logic Triple 3-Input AND Gate
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC4075NSR TI-CD74HC4075NSR Datasheet
349Kb / 13P
High-Speed CMOS Logic Triple 3-Input OR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
High-Speed CMOS Logic Triple 3-Input NOR Gate
logo
KODENSHI_AUK CORP.
KK74AC27 KODENSHI-KK74AC27 Datasheet
213Kb / 5P
Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT27 KODENSHI-KK74ACT27 Datasheet
212Kb / 5P
Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC27 IKSEMICON-IN74AC27 Datasheet
158Kb / 5P
Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74ACT27 IKSEMICON-IN74ACT27 Datasheet
158Kb / 5P
Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC27 TI1-CD54HC27_14 Datasheet
612Kb / 14P
High-Speed CMOS Logic Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com