Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC273F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC273F
Description  High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC273F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC273F Datasheet HTML 1Page - Texas Instruments CD54HC273F Datasheet HTML 2Page - Texas Instruments CD54HC273F Datasheet HTML 3Page - Texas Instruments CD54HC273F Datasheet HTML 4Page - Texas Instruments CD54HC273F Datasheet HTML 5Page - Texas Instruments CD54HC273F Datasheet HTML 6Page - Texas Instruments CD54HC273F Datasheet HTML 7Page - Texas Instruments CD54HC273F Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS174
Features
• Common Clock and Asynchronous Master Reset
• Positive Edge Triggering
• Buffered Inputs
• Typical fMAX = 60MHz at VCC = 5V, CL = 15pF,
TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The Harris CD74HC273 and CD74HCT273 high speed octal
D-Type flip-flops with a direct clear input are manufactured
with silicon-gate CMOS technology. They possess the low
power consumption of standard CMOS integrated circuits.
Information at the D inputis transferred to the Q outputs on
the positive-going edge of the clock pulse. All eight flip-flops
are controlled by a common clock (CP) and a common reset
(MR). Resetting is accomplished by a low voltage level
independent of the clock. All eight Q outputs are reset to a
logic 0.
Pinout
CD54HC273, CD54HCT273, CD74HC273, CD74HCT273
(PDIP, SOIC, CERDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD54HC273F
-55 to 125
20 Ld CERDIP
F20.3
CD54HCT273F
-55 to 125
20 Ld CERDIP
F20.3
CD74HC273E
-55 to 125
20 Ld PDIP
E20.3
CD74HCT273E
-55 to 125
20 Ld PDIP
E20.3
CD74HC273M
-55 to 125
20 Ld SOIC
M20.3
CD74HCT273M
-55 to 125
20 Ld SOIC
M20.3
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local sales office or
Harris customer service for ordering information.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
MR
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
February 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
CD74HC273,
CD74HCT273
High Speed CMOS Logic
Octal D-Type Flip-Flop with Reset
File Number
1479.2
[ /Title
(CD74
HC273
,
CD74
HCT27
3)
/Sub-
ject
(High
Speed
CMOS
Logic
Octal
D-
Type
Flip-


Similar Part No. - CD54HC273F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC273F TI-CD54HC273F Datasheet
295Kb / 7P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC273F TI1-CD54HC273F Datasheet
858Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC273F TI2-CD54HC273F Datasheet
1Mb / 23P
CDx4HC(T)273 High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
REVISED JANUARY 2022
CD54HC273F.A TI2-CD54HC273F.A Datasheet
1Mb / 23P
CDx4HC(T)273 High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
REVISED JANUARY 2022
CD54HC273F3A TI-CD54HC273F3A Datasheet
295Kb / 7P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
More results

Similar Description - CD54HC273F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC174 TI-CD74HC174 Datasheet
53Kb / 7P
High Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174 Datasheet
277Kb / 12P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174_08 Datasheet
422Kb / 14P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC377 TI1-CD54HC377_16 Datasheet
951Kb / 19P
High-Speed CMOS Logic Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com