Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMRT28515THR Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # SMRT28515THR
Description  SMRT Single, Dual and Triple DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT28515THR Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  SMRT28515THR Datasheet HTML 1Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 2Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 3Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 4Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 5Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 6Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 7Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 8Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INHIBIT FUNCTION
The SMRT Series incorporates an inhibit terminal that can be
used to disable internal switching. The converter is inhibited
when a low (≤ 0.4 V) signal is applied to the inhibit pin. In the
inhibit mode the inhibit pin current requirement is less than ~2
mA. The converter resumes normal operation when a high (≥ 2.4
V) signal or open circuit is applied to the inhibit pin. The open
circuit voltage of the inhibit is 5 to 6 volts.The maximum allowable
voltage applied to the inhibit pin is 10 VDC.
SYNCHRONIZATION
An isolated sync input allows this input to be connected to any of
the devices three returns. It can be referenced to the input return
or any of the output returns. Input current into this pin is limited
by a series 1k ohm resistance.
OUTPUT VOLTAGE TRIM
The output voltage of each set can be trimmed up by up to 25%,
or down by up to 45% of nominal (varies by model, see trim
instructions). The following are “sets” of voltages in relation to
trim:
• Triple output models: Main output is one set, the dual outputs are
another set.
• Dual outputs: Each output is a “set.”
One set can be trimmed using the trim pin, the other set can be
trimmed (up only) using the sense pin.
• Single: One set
RADIATION HARDENED
The SMRT DC/DC converters are designed to provide continuous
normal operation through radiation levels associated with space
missions and in tactical and strategic military environments. The
converters will operate normally in radiation environments with up
to 1 x 1012 neutrons per square centimeter neutron fluence,
1011 rads(Si) per second dose rate, and 3x105 rads(Si) total
dose. These levels of radiation tolerance make the SMRT
converters suitable for electronics in programs where operation in
high radiation environments is required.
At the highest dose rate (1011 rads(Si)/sec dose rate) there
will be an upset resulting in a dip in the voltage. This is non-
destructive to the unit. The converter will operate through the
upset.
SCREENING
SMRT converters offer the following screening options: Space
Prototype (O), Class H, or Class K. Radiation tolerant to
Radiation Hardness Assurance (RHA) levels of “-” (O), “P”, “R” or
“F”, per MIL-PRF-38534. Interpoint model numbers use an “O” in
the RHA designator position to indicate the “-” (dash) Radiation
Hardness Assurance level of MIL-PRF-38534, which is defined
as “no RHA”. See “Class H and K, MIL-PRF-38534 Screening”
tables for more information.
EMI
The SMRT has a built-in EMI input filter which brings the
conducted emissions into compliance with both methods of
MIL-STD-461, revisions C-CE03 and D-/E-CE102.
SENSE
Tight load regulation is maintained via wide bandwidth magnetic
feedback and through the use of remote sense on single output
models and one output (Output “A”) of the dual units. The sense
feature can be used to adjust the output voltage by connecting a
resistor between the sense line and the positive output.
SENSE ADJUST INSTRUCTIONS (UP ONLY)
- DUAL UNITS OUTPUT A ONLY
(See trim tables on page 4)
5V Dual Sense Adjust: Max. 5.40 V
R
EXTERNAL = 30 (
Vdesired - 5
)
0.675 - 0.125 Vdesired
12V Dual Sense Adjust: Max. 12.48 V
R
EXTERNAL = 600 (
5 x Vdesired - 60.42
)
156 - 12.5Vdesired
15V Dual Sense Adjust: Max 15.36 V
R
EXTERNAL = 600 (
Vdesired - 15
)
38.4 - 2.5Vdesired
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 2 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converters
28 VOLT INPUT – 35 WATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com