Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC42 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC42
Description  High Speed CMOS Logic BCD To Decimal Decoder 1 of 10
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC42 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC42 Datasheet HTML 1Page - Texas Instruments CD74HC42 Datasheet HTML 2Page - Texas Instruments CD74HC42 Datasheet HTML 3Page - Texas Instruments CD74HC42 Datasheet HTML 4Page - Texas Instruments CD74HC42 Datasheet HTML 5Page - Texas Instruments CD74HC42 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS133
Features
• Buffered Inputs and Outputs
• Typical Propagation Delay: 12ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
Harris
CD74HC42,
CH74HCT42
BCD-to-Decimal
Decoders utilize silicon-gate CMOS technology to achieve
operating speeds similar to LSTTL decoders with the low
power consumption of standard CMOS integrated circuits.
These devices have the capability of driving 10 LSTLL loads
and are compatible with the standard 74LS logic family. One
of ten outputs (low on select) is selected in accordance with
the BCD input. Non-valid BCD inputs result in none of the
outputs being selected (all outputs are high).
Pinout
CD74HC42, CD74HCT42
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
PKG.
NO.
CD74HC42E
-55 to 125
16 Ld PDIP
E16.3
CD74HCT42E
-55 to 125
16 Ld PDIP
E16.3
CD74HC42M
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Die for this part number is available which meets all electrical
specifications. Please contact your local sales office or Harris
customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Y0
Y1
Y2
Y3
Y4
Y5
GND
Y6
VCC
A1
A2
A3
Y9
Y8
Y7
A0
August 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
CD74HC42,
CD74HCT42
High Speed CMOS Logic
BCD To Decimal Decoder (1 of 10)
File Number
1689.1
[ /Title
(CD74H
C42,
CD74H
CT42)
/Subject
(High
Speed
CMOS
Logic
BCD To
Deci-


Similar Part No. - CD74HC42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC42 TI-CD74HC42 Datasheet
261Kb / 10P
High-Speed CMOS Logic BCD-to-Decimal Decoders
CD74HC42 TI-CD74HC42 Datasheet
263Kb / 11P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
CD74HC42 TI2-CD74HC42 Datasheet
314Kb / 12P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
Revised May 2003
CD74HC423 TI-CD74HC423 Datasheet
56Kb / 8P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC423 TI-CD74HC423 Datasheet
363Kb / 16P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
More results

Similar Description - CD74HC42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC42 PHILIPS-74HC42 Datasheet
41Kb / 6P
BCD to decimal decoder 1-of-10
December 1990
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Intersil Corporation
CD4028BMS INTERSIL-CD4028BMS Datasheet
93Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
logo
Texas Instruments
CD54HC42 TI-CD54HC42 Datasheet
261Kb / 10P
High-Speed CMOS Logic BCD-to-Decimal Decoders
CD74HCT42EE4 TI-CD74HCT42EE4 Datasheet
263Kb / 11P
High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
logo
NXP Semiconductors
74HC_HCT42_CNV PHILIPS-74HC_HCT42_CNV_15 Datasheet
46Kb / 6P
BCD to decimal decoder (1-of-10)
December 1990
logo
Renesas Technology Corp
CD4028BMS RENESAS-CD4028BMS Datasheet
417Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
logo
Nexperia B.V. All right...
74HC42 NEXPERIA-74HC42 Datasheet
979Kb / 12P
BCD to decimal decoder (1-of-10)
Rev. 3 - 27 September 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com