Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4060M Datasheet(PDF) 2 Page - Texas Instruments

Part # HC4060M
Description  High Speed CMOS Logic 14-Stage Binary Counter with Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC4060M Datasheet(HTML) 2 Page - Texas Instruments

  HC4060M Datasheet HTML 1Page - Texas Instruments HC4060M Datasheet HTML 2Page - Texas Instruments HC4060M Datasheet HTML 3Page - Texas Instruments HC4060M Datasheet HTML 4Page - Texas Instruments HC4060M Datasheet HTML 5Page - Texas Instruments HC4060M Datasheet HTML 6Page - Texas Instruments HC4060M Datasheet HTML 7Page - Texas Instruments HC4060M Datasheet HTML 8Page - Texas Instruments HC4060M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Description
The Harris CD74HC4060 and CD74HCT4060 each consist
of an oscillator section and 14 ripple-carry binary counter
stages. The oscillator configuration allows design of either
RC or crystal oscillator circuits. A Master Reset input is
provided which resets the counter to the all-0’s state and
disables the oscillator. A high level on the MR line
accomplishes the reset function. All counter stages are
master-slave flip-flops. The state of the counter is advanced
one step in binary order on the negative transition of
φI (and
φO). All inputs and outputs are buffered. Schmitt trigger
action on the input-pulse-line permits unlimited rise and fall
times.
In order to achieve a symmetrical waveform in the oscillator
section the HCT4060 input pulse switch points are the same
as in the HC4060; only the MR input in the HCT4060 has
TTL switching levels.
Functional Diagram
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
PKG.
NO.
CD74HC4060E
-55 to 125
16 Ld PDIP
E16.3
CD74HCT4060E
-55 to 125
16 Ld PDIP
E16.3
CD74HC4060M
-55 to 125
16 Ld SOIC
M16.15
CD74HCT4060M
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local sales office or
Harris customer service for ordering information.
φI
Q4
Q5
Q6
Q7
Q9
Q12
Q14
φO
φO
MR
Q13
Q10
Q8
14-STAGE
RIPPLE
COUNTER
AND
OSCILLATOR
GND = 8
VCC = 16
7
5
4
6
13
1
3
2
15
14
12
11
9
10
CD74HC4060, CD74HCT4060



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com